Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1313 Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # S1313
Description  SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1313 Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S1313 Datasheet HTML 19Page - Seiko Instruments Inc S1313 Datasheet HTML 20Page - Seiko Instruments Inc S1313 Datasheet HTML 21Page - Seiko Instruments Inc S1313 Datasheet HTML 22Page - Seiko Instruments Inc S1313 Datasheet HTML 23Page - Seiko Instruments Inc S1313 Datasheet HTML 24Page - Seiko Instruments Inc S1313 Datasheet HTML 25Page - Seiko Instruments Inc S1313 Datasheet HTML 26Page - Seiko Instruments Inc S1313 Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_00
S-1313 Series
23
Precautions
• Wiring patterns for the VIN pin, the VOUT pin and GND should be designed so that the impedance is low. When
mounting an output capacitor between the VOUT pin and the VSS pin (CL) and a capacitor for stabilizing the input
between the VIN pin and the VSS pin (CIN), the distance from the capacitors to these pins should be as short as
possible.
• Note that generally the output voltage may increase when a series regulator is used at low load current (10 μA or less).
• Note that generally the output voltage may increase due to the leakage current from an output driver when a series
regulator is used at high temperature.
• Note that the output voltage may increase due to the leakage current from an output driver even if the ON / OFF pin is
at OFF level when a series regulator is used at high temperature.
• Generally a series regulator may cause oscillation, depending on the selection of external parts. The following
conditions are recommended for the S-1313 Series. However, be sure to perform sufficient evaluation under the actual
usage conditions for selection, including evaluation of temperature characteristics. Refer to "6.
Example of
equivalent series resistance vs. Output current characteristics (Ta =
+25°C)" in " Reference Data" for the
equivalent series resistance (RESR) of the output capacitor.
Input capacitor (CIN):
0.1
μF or more
Output capacitor (CL):
0.1
μF or more
• The voltage regulator may oscillate when the impedance of the power supply is high and the input capacitance is small
or an input capacitor is not connected.
• Ringing may occur when these three conditions below are satisfied. Before selecting an input capacitor, be sure to
evaluate sufficiently under the actual usage conditions, including the temperature characteristics.
The power supply inductance is high.
The load current is 100 mA or more.
The difference between the input voltage and the output voltage is close to the value of dropout voltage.
• If the output capacitance is small, power supply's fluctuation and the characteristics of load fluctuation become worse.
Sufficiently evaluate the output voltage's fluctuation with the actual device.
• Overshoot may occur in the output voltage momentarily if the voltage is rapidly raised at power-on or when the power
supply fluctuates. Sufficiently evaluate the output voltage at power-on with the actual device.
• The application conditions for the input voltage, the output voltage, and the load current should not exceed the
package power dissipation.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protection circuit.
• In determining the output current, attention should be paid to the output current value specified in Table 13 in
" Electrical Characteristics" and footnote *5 of the table.
• SII Semiconductor Corporation claims no responsibility for any disputes arising out of or in connection with any
infringement by products including this IC of patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com