Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1313 Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # S1313
Description  SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1313 Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button S1313 Datasheet HTML 25Page - Seiko Instruments Inc S1313 Datasheet HTML 26Page - Seiko Instruments Inc S1313 Datasheet HTML 27Page - Seiko Instruments Inc S1313 Datasheet HTML 28Page - Seiko Instruments Inc S1313 Datasheet HTML 29Page - Seiko Instruments Inc S1313 Datasheet HTML 30Page - Seiko Instruments Inc S1313 Datasheet HTML 31Page - Seiko Instruments Inc S1313 Datasheet HTML 32Page - Seiko Instruments Inc S1313 Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_00
S-1313 Series
29
2. Transient response characteristics of load (Ta =
+25°C)
2. 1 VOUT = 1.0 V
VIN = 2.0 V, CIN = CL = 0.1
μF, IOUT = 1 mA ↔ 50 mA
2.6
0.2
0.6
1.0
1.4
1.8
2.2
t [
μs]
100
−200
600
500
400
300
200
100
0
−100
−200
−150
−100
−50
0
50
VOUT
IOUT
VIN = 2.0 V, CIN = CL = 0.1
μF, IOUT = 50 mA ↔ 100 mA
2.6
0.2
0.6
1.0
1.4
1.8
2.2
t [
μs]
150
−150
300
250
200
150
100
50
0
−50
−100
−100
−50
0
50
100
VOUT
IOUT
2. 2 VOUT = 2.5 V
VIN = 3.5 V, CIN = CL = 0.1
μF, IOUT = 1 mA ↔ 50 mA
t [ms]
−0.2
0.8
1.2
0 0.2 0.4 0.6
1
1.4
−0.4
4.9
1.3
1.9
2.5
3.1
3.7
4.3
100
−200
−150
−100
−50
0
50
VOUT
IOUT
VIN = 3.5 V, CIN = CL = 0.1
μF, IOUT = 50 mA ↔ 100 mA
t [
μs]
−100
400
600
0 100 200 300
500
700
−200
3.7
1.9
2.2
2.5
2.8
3.1
3.4
150
−150
−100
−50
0
50
100
VOUT
IOUT
2. 3 VOUT = 3.5 V
VIN = 4.5 V, CIN = CL = 0.1
μF, IOUT = 1 mA ↔ 50 mA
t [ms]
−0.2
0.8
1.2
0 0.2 0.4 0.6
1
1.4
−0.4
6.3
2.1
2.8
3.5
4.2
4.9
5.6
100
−200
−150
−100
−50
0
50
VOUT
IOUT
VIN = 4.5 V, CIN = CL = 0.1
μF, IOUT = 50 mA ↔ 100 mA
t [
μs]
−100
400
600
0 100 200 300
500
700
−200
4.7
2.9
3.2
3.5
3.8
4.1
4.4
150
−150
−100
−50
0
50
100
VOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com