Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1313 Datasheet(PDF) 28 Page - Seiko Instruments Inc

Part # S1313
Description  SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1313 Datasheet(HTML) 28 Page - Seiko Instruments Inc

Back Button S1313 Datasheet HTML 24Page - Seiko Instruments Inc S1313 Datasheet HTML 25Page - Seiko Instruments Inc S1313 Datasheet HTML 26Page - Seiko Instruments Inc S1313 Datasheet HTML 27Page - Seiko Instruments Inc S1313 Datasheet HTML 28Page - Seiko Instruments Inc S1313 Datasheet HTML 29Page - Seiko Instruments Inc S1313 Datasheet HTML 30Page - Seiko Instruments Inc S1313 Datasheet HTML 31Page - Seiko Instruments Inc S1313 Datasheet HTML 32Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1313 Series
Rev.2.1_00
28
Reference Data
1. Transient response characteristics when input (Ta =
+25°C)
1. 1 VOUT = 1.0 V
IOUT = 1 mA, CIN = CL = 0.1
μF, VIN = 2.0 V ↔ 3.0 V, tr = tf = 5.0 μs
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
t [
μs]
4.0
3.0
2.5
2.0
0
0.5
1.0
1.5
3.5
−20
80
120
0 20 40 60
100
140
−40
VOUT
VIN
IOUT = 100 mA, CIN = CL = 0.1
μF, VIN = 2.0 V ↔ 3.0 V, tr = tf = 5.0 μs
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
t [
μs]
4.0
3.0
2.5
2.0
0
0.5
1.0
1.5
3.5
−20
80
120
0 20 40 60
100
140
−40
VOUT
VIN
1. 2 VOUT = 2.5 V
IOUT = 1 mA, CIN = CL = 0.1
μF, VIN = 3.5 V ↔ 4.5 V, tr = tf = 5.0 μs
3.1
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
t [
μs]
5.5
4.5
4.0
3.5
1.5
2.0
2.5
3.0
5.0
−20
80
120
0 20 40 60
100
140
−40
VOUT
VIN
IOUT = 100 mA, CIN = CL = 0.1
μF, VIN = 3.5 V ↔ 4.5 V, tr = tf = 5.0 μs
3.1
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
t [
μs]
5.5
4.5
4.0
3.5
1.5
2.0
2.5
3.0
5.0
−20
80
120
0 20 40 60
100
140
−40
VOUT
VIN
1. 3 VOUT = 3.5 V
IOUT = 1 mA, CIN = CL = 0.1
μF, VIN = 4.5 V ↔ 5.5 V, tr = tf = 5.0 μs
4.1
4.0
3.9
3.8
3.7
3.6
3.5
3.4
3.3
t [
μs]
6.5
5.5
5.0
4.5
2.5
3.0
3.5
4.0
6.0
−20
80
120
0 20 40 60
100
140
−40
VOUT
VIN
IOUT = 100 mA, CIN = CL = 0.1
μF, VIN = 4.5 V ↔ 5.5 V, tr = tf = 5.0 μs
4.1
4.0
3.9
3.8
3.7
3.6
3.5
3.4
3.3
t [
μs]
6.5
5.5
5.0
4.5
2.5
3.0
3.5
4.0
6.0
−20
80
120
0 20 40 60
100
140
−40
VOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com