Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9801APE Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9801APE
Description  User Programmable Micro-Power Voltage Detectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9801APE Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9801APE Datasheet HTML 1Page - Richtek Technology Corporation RT9801APE Datasheet HTML 2Page - Richtek Technology Corporation RT9801APE Datasheet HTML 3Page - Richtek Technology Corporation RT9801APE Datasheet HTML 4Page - Richtek Technology Corporation RT9801APE Datasheet HTML 5Page - Richtek Technology Corporation RT9801APE Datasheet HTML 6Page - Richtek Technology Corporation RT9801APE Datasheet HTML 7Page - Richtek Technology Corporation RT9801APE Datasheet HTML 8Page - Richtek Technology Corporation RT9801APE Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RT9801A/B
1
DS9801A/B-13 April 2011
www.richtek.com
Pin Configurations
User Programmable Micro-Power Voltage Detectors
Ordering Information
(TOP VIEW)
SOT-23-6
General Description
The RT9801A/B is a micro-power voltage detector
supervising the power supply voltage level for
microprocessors (
μP) or digital systems. It provides user
programmable threshold levels with 0.1V step ranging
from 1.5V to 5V, which covers most digital applications. It
features low supply current of 3
μA. Selection of VTH is
easily achieved through 3 pins connected to GND, VDD or
floating for different threshold voltage settings. Two versions
of threshold voltages, 1.5V to 4V and 2.5V to 5V, which
are programmed in factory are offered by customer
demands.
The RT9801A/B performs supervisory function by sending
out a reset signal whenever the VDD voltage falls below a
preset threshold level. This reset signal will last the whole
period before VDD recovering. Reset signal will release after
VDD is recovered and last for the whole period of Reset
Active Time-out period.
RT9801A/B is N-Channel, open-drain output and provided
in SOT-23-6 package.
Features
User Programmable Threshold 1.5V to 5V in 0.1V
Step with
±±±±±3% Accuracy
Low Supply Current 3
μμμμμA
Quick Reset within 20
μμμμμs
Built-in Recovery Delay 200ms
Low Functional Supply Voltage 0.9V
Small SOT-23-6 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Computers
Controllers
Intelligent Instruments
Critical
μP and μC Power Monitoring
Portable/Battery-Powered Equipment
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Typical Application Circuit
VSET0
GND
RESET
VSET1
VSET2
VDD
RT9801
GND
RESET
VDD
μP
Pull Up
RT9801 V
TH = 2.5V in this example
4
23
5
6
RT9801
Package Type
E : SOT-23-6
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
Reset Threshold
A : 2.5V to 5V
B : 1.5V to 4V


Similar Part No. - RT9801APE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9801APE RICHTEK-RT9801APE Datasheet
127Kb / 9P
User Programmable Micro-Power Voltage Detectors
More results

Similar Description - RT9801APE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9808 ETC-RT9808 Datasheet
200Kb / 12P
MICRO POWER VOLTAGE DETECTORS
logo
Richtek Technology Corp...
RT9801 RICHTEK-RT9801 Datasheet
136Kb / 6P
USER PROGRAMMABLE MICRO POWER VOLTAGE DETECTORS
RT9801A RICHTEK-RT9801A Datasheet
127Kb / 9P
User Programmable Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802 Datasheet
80Kb / 5P
User Programmable Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802_11 Datasheet
83Kb / 5P
User Programmable Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_11 Datasheet
152Kb / 12P
Micro-Power Voltage Detectors
RT9816 RICHTEK-RT9816_13 Datasheet
175Kb / 10P
Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com