Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9801APE Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9801APE
Description  User Programmable Micro-Power Voltage Detectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9801APE Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9801APE Datasheet HTML 1Page - Richtek Technology Corporation RT9801APE Datasheet HTML 2Page - Richtek Technology Corporation RT9801APE Datasheet HTML 3Page - Richtek Technology Corporation RT9801APE Datasheet HTML 4Page - Richtek Technology Corporation RT9801APE Datasheet HTML 5Page - Richtek Technology Corporation RT9801APE Datasheet HTML 6Page - Richtek Technology Corporation RT9801APE Datasheet HTML 7Page - Richtek Technology Corporation RT9801APE Datasheet HTML 8Page - Richtek Technology Corporation RT9801APE Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RT9801A/B
3
DS9801A/B-13 April 2011
www.richtek.com
Absolute Maximum Ratings
Terminal Voltage (with Respect to GND)
VDD ------------------------------------------------------------------------------------------------------------------------
–0.3V to 6.0V
All Other Inputs --------------------------------------------------------------------------------------------------------
–0.3V to VDD+0.3V
Input Current, VDD ----------------------------------------------------------------------------------------------------- 20mA
Continuous Power Dissipation, PD @ TA = 25
°C
SOT-23-6 ---------------------------------------------------------------------------------------------------------------- 0.25W
Operating Junction Temperature Range --------------------------------------------------------------------------
–40
°C to 125°C
Storage Temperature Range ----------------------------------------------------------------------------------------
–65
°C to 125°C
Package Thermal Resistance
SOT-23-6,
θJA ----------------------------------------------------------------------------------------------------------- 250°C /W
Lead Temperature (Soldering, 10sec.) ---------------------------------------------------------------------------- 260
°C
Electrical Characteristics
(VDD = 3V, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating VDD Range
VDD
0.9
--
6
V
--
--
3
Supply Current
IDD
VDD = 1.5V ~ 3.5V, ISINK = 0
VDD = 3.5V ~ 5V, ISINK = 0
--
--
3.3
μA
Reset Threshold
VTH
TA = 27°C
--
Note1
--
V
Threshold Voltage Accuracy
ΔVTH
TA = 27°C
--
--
3
%
VDD Drop to Reset Delay
tRD
Drop = -125mV
--
--
20
μs
Reset Active Timeout Period
tRP
VDD ≥ 1.02×VTH, Programmable
120
200
280
ms
VIL
TA = 27°C
--
0.15VDD
--
VSET Pin Input Threshold
VIH
TA = 27°C
--
0.85VDD
--
V
RESET Output Voltage
VOL
VDD < VTH, ISINK = 3.5mA
--
0.4
--
V
Timing Diagram
V
DD
V
TH
V
RESET
t
RP
t
RD
Drop
V
DD
V
TH
V
RESET



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com