Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9801APE Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9801APE
Description  User Programmable Micro-Power Voltage Detectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9801APE Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9801APE Datasheet HTML 1Page - Richtek Technology Corporation RT9801APE Datasheet HTML 2Page - Richtek Technology Corporation RT9801APE Datasheet HTML 3Page - Richtek Technology Corporation RT9801APE Datasheet HTML 4Page - Richtek Technology Corporation RT9801APE Datasheet HTML 5Page - Richtek Technology Corporation RT9801APE Datasheet HTML 6Page - Richtek Technology Corporation RT9801APE Datasheet HTML 7Page - Richtek Technology Corporation RT9801APE Datasheet HTML 8Page - Richtek Technology Corporation RT9801APE Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9801A/B
2
DS9801A/B-13 April 2011
www.richtek.com
Functional Pin Description
Pin Name
Pin Function
VSET0
Threshold Voltage Selection Pin
GND
Ground Pin
RESET
Reset Pulse Output, Negative Pulse
VDD
Power Pin
VSET1
Threshold Voltage Selection Pin
VSET2
Threshold Voltage Selection Pin
Function Block Diagram
Test Circuits
Detection Voltage
Output Transistor Current
Current Consumption
Dynamic Response
Note : Threshold Voltage Setting refer to the Table.1
6V
RT9801A/B
GND
RESET
CRT
100K
VDD
CL
P.G
V
DD
RT9801A/B
GND
V
RESET
VDD
A
VSET
CMP
Timer
POR
Threshold Voltage Setting
Power On Reset
VDD
VSET1
RESET
N MOS
VSET0
VSET2
Internal
Clock
GND
RT9801A/B
V
DD
GND
V
RESET
R
100K
Oscilloscopes
VDD
V
RESET
V
DD
RT9801A/B
GND
RESET
VDD
A
V
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com