Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW104 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SW104
Description  SW104
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SW104 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SW104 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW104 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW104 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SW104
使用线路
使用说明
1.本电路为功率器件,其功耗为输出管功耗:
P= (VCC-VOH)×IOH×q+VOL×IOL(1-q)
当输入信号占空比为 10%时:
P≈(12-10) ×3×0.1=600mW
由于本产品封装时采用 D16S 管壳,它可以承受 1W 的功耗,故使用时占空比不能设
置在 20%以上;
2.EN 端可以接高电平、低电平或 TTL 电平:
接高电平时,输出与输入同相;
接低电平时,输出为低电平;
接 TTL 电平时,逻辑功能为 OUT=EN・IN(控制端与输入端实现“与”功能)。
3.本电路工作时禁止输出端对地短路。
2
4
5
12
SW104
12V
1uF
14
EN
TTL电平
f=300kHz
负载



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com