Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW104 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SW104
Description  SW104
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SW104 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SW104 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW104 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW104 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SW104
功能框图
+
-
OUT
缓冲级
驱动级
IN
EN
真值表
EN
IN
OUT
0
×
0
0
0
1
1
1
电特性
若无其它规定,V
CC=12V,TA=-55℃~125℃
极 限 值
特
性
符号
条
件
最小
最大
单位
输入高电平电流
IIH
VIH=2.0V,
EN=5V
-
200
µA
输入低电平电流
IIL
VIL=0.8V,
EN=5V
-
100
µA
输出高电平
VOH
RL=2.6Ω, EN=5V,
VIN=4.4V
8
-
V
输出低电平
VOL
RL=2.6Ω, EN=5V,
VIL=0.1V
-
0.5
V
输入输出延迟时间
td
RL=2.6Ω, EN=5V,
占空比 10%,f=300kHz
-
200
ns
输出脉冲上升时间
tr
RL=2.6Ω, EN=5V,
占空比 10%,f=300kHz
-
90
ns
输出脉冲下降时间
tf
RL=2.6Ω, EN=5V,
占空比 10%,f=300kHz
-
90
ns
EN=5V
-
20
mA
电源电流
ICC
IN 接地
EN=0V
-
15
mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com