Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9953 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9953
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9953 Datasheet HTML 2Page - Analog Devices AD9953 Datasheet HTML 3Page - Analog Devices AD9953 Datasheet HTML 4Page - Analog Devices AD9953 Datasheet HTML 5Page - Analog Devices AD9953 Datasheet HTML 6Page - Analog Devices AD9953 Datasheet HTML 7Page - Analog Devices AD9953 Datasheet HTML 8Page - Analog Devices AD9953 Datasheet HTML 9Page - Analog Devices AD9953 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and beyond which the serviceability of the circuit may
be impaired. Functional operability under any of these conditions is not necessarily implied. Exposure of absolute maximum
rating conditions for extended periods of time affect device reliability.
2Wake-Up Time refers to recovery from analog power down modes (see Power Down Modes of Operation). The longest time
required is for the Reference Clock Multiplier PLL to lock up (if it is being used). The Wake-Up Time assumes that there is no
capacitor on DAC_BP, and that the recommended PLL loop filter values are used.
3SYSCLK refers to the actual clock frequency used on-chip by the AD9954. If the Reference Clock Multiplier is used to
multiply the external reference frequency, then the SYSCLK frequency is the external frequency multiplied by the Reference
Clock Multiplier multiplication factor. If the Reference Clock Multiplier is not used, then the SYSCLK frequency is the same as
the external REFCLK frequency.
EXPLANATION OF TEST LEVELS
I
–
100% Production Tested.
II –
100% Production Tested at +25
°C and sample tested at specified temperatures.
III –
Sample Tested Only.
IV –
Parameter is guaranteed by design and characterization testing.
V –
Parameter is a typical value only.
VI –
Devices are 100% production tested at +25°C and guaranteed by design and characterization testing for industrial
operating temperature range.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9953ASV
-40°C to +85°C
48-lead QFP EPAD
SV-48
AD9953PCB
+25°C
Evaluation Board
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic
charges as high as 4000 V readily accumulate on the human
body and test equipment and can discharge without
detection. Although the AD9953 features proprietary ESD
protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges.
Therefore, proper ESD precautions are recommended to
avoid performance degradation or loss of functionality.
REV. PrB 1/30/03
Page 6
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com