Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9953 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9953
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9953 Datasheet HTML 29Page - Analog Devices AD9953 Datasheet HTML 30Page - Analog Devices AD9953 Datasheet HTML 31Page - Analog Devices AD9953 Datasheet HTML 32Page - Analog Devices AD9953 Datasheet HTML 33Page - Analog Devices AD9953 Datasheet HTML 34Page - Analog Devices AD9953 Datasheet HTML 35Page - Analog Devices AD9953 Datasheet HTML 36Page - Analog Devices AD9953 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
ASF<15:14> (binary)
Increment/decrement size
00
1
01
2
10
4
11
8
Table 5 Auto-Scale Factor Internal Step Size
A special feature of this mode is that the maximum output amplitude allowed is limited by the
contents of the Amplitude Scale Factor Register. This allows the user to ramp to a value less than
full scale.
OSK Ramp Rate Timer
The OSK ramp rate timer is a loadable down counter, which generates the clock signal to the 14-bit
counter that generates the internal scale factor. The ramp rate timer is loaded with the value of the
ASFR every time the counter reaches 1 (decimal). This load and count down operation continues
for as long as the timer is enabled unless the timer is forced to load before reaching a count of 1.
If the Load OSK Timer bit (CFR1<26>) is set, the ramp rate timer is loaded upon an I/O
UPDATE, change in profile input or upon reaching a value of 1. The ramp timer can be loaded
before reaching a count of 1 by three methods.
Method one is by changing the OSK input pin. When the OSK input pin changes state the ASFR
value is loaded into the ramp rate timer, which then proceeds to count down as normal.
The second method in which the sweep ramp rate timer can be loaded before reaching a count of 1
is if the Load OSK Timer bit (CFR1<26>) bit is set and an I/O UPDATE (or change in profile) is
issued.
The last method in which the sweep ramp rate timer can be loaded before reaching a count of 1 is
when going from the inactive AUTO Shaped On-Off Keying mode to the active AUTO Shaped
On-Off Keying mode. That is, when the sweep enable bit is being set.
External Shaped On-Off Keying mode operation:
The external Shaped On-Off Keying mode is enabled by writing CFR1<25> to a logic 1 AND
writing CFR1<24> to a logic 0. When configured for external Shaped On-Off Keying, the content
of the ASFR becomes the scale factor for the data path. The scale factors are synchronized to
sync_clk via the I/O update functionality.
REV. PrB 1/30/03
Page 33
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com