Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9953 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9953
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9953 Datasheet HTML 27Page - Analog Devices AD9953 Datasheet HTML 28Page - Analog Devices AD9953 Datasheet HTML 29Page - Analog Devices AD9953 Datasheet HTML 30Page - Analog Devices AD9953 Datasheet HTML 31Page - Analog Devices AD9953 Datasheet HTML 32Page - Analog Devices AD9953 Datasheet HTML 33Page - Analog Devices AD9953 Datasheet HTML 34Page - Analog Devices AD9953 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
Phase dithering is independently controlled on the four least significant bits of the phase word
routed to the angle rotation function. That is, any or all of the phase word four least significant bits
may be dithered or not dithered, controlled by the user via the serial port. Specifically, the
CFR1<19> bit controls the phase dithering enable function of the phase word <16> bit. The
CFR1<18> bit controls the phase dithering enable function of the phase word <15> bit. The
CFR1<17> bit controls the phase dithering enable function of the phase word <14> bit. The
CFR1<16> bit controls the phase dithering enable function of the phase word <13> bit. This
enable function is such that if the bit is high, dithering is enabled. If the bit is low, dithering is not
enabled.
Amplitude dithering uses one control bit to enable or disable dithering. If the amplitude dither
enable bit (CFR1<20>) is logic 0, no amplitude dithering is enabled and the data from the DDS
core is passed unchanged. When high, amplitude dithering is enabled.
Shaped On-Off Keying
General Description: The Shaped On-Off keying function of the AD9953 allows the user to
control the ramp-up and ramp-down time of an “on-off” emission from the DAC. This function is
used in “burst transmissions” of digital data to reduce the adverse spectral impact of short, abrupt
bursts of data.
AUTO and MANUAL Shaped On-Off Keying modes are supported. The AUTO mode generates a
linear scale factor at a rate determined by the Amplitude Ramp Rate (ARR) Register controlled by
an external pin (OSK). MANUAL mode allows the user to directly control the output amplitude by
writing the scale factor value into the Amplitude Scale Factor (ASF) Register (ASF).
The Shaped On-Off keying function may be bypassed (disabled) by clearing the OSK Enable bit
(CFR1<25>=0).
The modes are controlled by two bits located in the most significant byte of the Control Function
Register (CFR). CFR1<25> is the Shaped On-Off Keying enable bit. When CFR1<25> is set, the
output scaling function is enabled; CFR1<25> bypasses the function. CFR1<24> is the internal
Shaped On-Off Keying active bit. When CFR1<24> is set, internal Shaped On-Off Keying mode is
active; CFR1<24> cleared is external Shaped On-Off Keying mode active. CFR1<24> is a “Don’t
care” if the Shaped On-Off Keying enable bit (CFR1<25>) is cleared. The power up condition is
Shaped On-Off Keying disabled (CFR1<25> = 0). Figure C below shows the block diagram of the
OSK circuitry.
REV. PrB 1/30/03
Page 31
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com