Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF548 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF548
Description  UHF push-pull power MOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF548 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF548 Datasheet HTML 2Page - NXP Semiconductors BLF548 Datasheet HTML 3Page - NXP Semiconductors BLF548 Datasheet HTML 4Page - NXP Semiconductors BLF548 Datasheet HTML 5Page - NXP Semiconductors BLF548 Datasheet HTML 6Page - NXP Semiconductors BLF548 Datasheet HTML 7Page - NXP Semiconductors BLF548 Datasheet HTML 8Page - NXP Semiconductors BLF548 Datasheet HTML 9Page - NXP Semiconductors BLF548 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2003 Sep 26
6
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF548
Fig.8
Feedback capacitance as a function of
drain-source voltage; typical values per
section.
handbook, halfpage
0
20
40
60
80
100
010
20
30
VDS (V)
Crs
(pF)
MRA521
APPLICATION INFORMATION FOR CLASS-B OPERATION
Th = 25 °C; Rth mb-h = 0.15 K/W, unless otherwise specified.
RF performance in a common source, class-B, push-pull test circuit.
Ruggedness in class-B operation
The BLF548 is capable of withstanding a load mismatch corresponding to VSWR = 10: 1 through all phases under the
following conditions: VDS = 28 V; f = 500 MHz at rated output power.
MODE OF OPERATION
f
(MHz)
VDS
(V)
IDQ
(mA)
PL
(W)
Gp
(dB)
η
D
(%)
CW, class-B
500
28
2 x 160
150
>10
typ. 11
>50
typ. 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com