Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF548 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLF548
Description  UHF push-pull power MOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF548 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLF548 Datasheet HTML 6Page - NXP Semiconductors BLF548 Datasheet HTML 7Page - NXP Semiconductors BLF548 Datasheet HTML 8Page - NXP Semiconductors BLF548 Datasheet HTML 9Page - NXP Semiconductors BLF548 Datasheet HTML 10Page - NXP Semiconductors BLF548 Datasheet HTML 11Page - NXP Semiconductors BLF548 Datasheet HTML 12Page - NXP Semiconductors BLF548 Datasheet HTML 13Page - NXP Semiconductors BLF548 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2003 Sep 26
10
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF548
Fig.12 Component layout for 500 MHz class-B test circuit.
The circuit and components are situated on one side of the PTFE fibre-glass board, the other side being fully
metallized to serve as a ground plane. Connections are made by means of copper straps and hollow rivets for a
direct contact between upper and lower sheets.
handbook, full pagewidth
MBC231 - 1
R6
R2
C8
C7
L1/L2
L3
C1
C2
C3
C4
L4
L5
R4
R3
C5
C6
C9
L6
L7
C10
C11
VDS
VDS
C20
C21
C18
C19
L15
L9
L14
L19
L21
L20
C22
L18
C23
C24
L22/L23
L24
L12
L8
L13
C15
C17
C16
L17
R8
L16
L11
R7
L10
C13
C12
C14
handbook, full pagewidth
MBC230
200 mm
70
mm
strap
strap
strap
strap
strap
strap
strap
strap
rivets
rivets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com