Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF548 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLF548
Description  UHF push-pull power MOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF548 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLF548 Datasheet HTML 7Page - NXP Semiconductors BLF548 Datasheet HTML 8Page - NXP Semiconductors BLF548 Datasheet HTML 9Page - NXP Semiconductors BLF548 Datasheet HTML 10Page - NXP Semiconductors BLF548 Datasheet HTML 11Page - NXP Semiconductors BLF548 Datasheet HTML 12Page - NXP Semiconductors BLF548 Datasheet HTML 13Page - NXP Semiconductors BLF548 Datasheet HTML 14Page - NXP Semiconductors BLF548 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
2003 Sep 26
11
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF548
Fig.13 Input impedance as a function of frequency
(series components); typical values per
section.
Class-B operation; VDS = 28 V; IDQ = 160 mA (per section);
PL = 150 W (total device).
handbook, halfpage
0
1
−1
−2
−3
−4
50
150
250
350
450
550
f (MHz)
Zi
(Ω)
ri
xi
MRA528
Fig.14 Load impedance as a function of frequency
(series components); typical values per
section.
Class-B operation; VDS =28V; IDQ = 160 mA (per section);
PL = 150 W (total device).
handbook, halfpage
0
1
2
3
4
5
6
50
150
250
350
450
550
f (MHz)
MRA530
ZL
(Ω)
RL
XL
Fig.15 Definition of MOS impedance.
handbook, halfpage
MBA379
Zi
ZL
Fig.16 Power gain as a function of frequency;
typical values per section.
Class-B operation; VDS =28V; IDQ = 160 mA (per section);
PL = 150 W (total device).
handbook, halfpage
0
10
15
20
25
30
50
150
250
350
450
550
5
f (MHz)
Gp
(dB)
MRA526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com