Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62569DRLR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62569DRLR
Description  2-A High Efficiency Synchronous Buck Converter in SOT Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62569DRLR Datasheet(HTML) 4 Page - Texas Instruments

  TLV62569DRLR Datasheet HTML 1Page - Texas Instruments TLV62569DRLR Datasheet HTML 2Page - Texas Instruments TLV62569DRLR Datasheet HTML 3Page - Texas Instruments TLV62569DRLR Datasheet HTML 4Page - Texas Instruments TLV62569DRLR Datasheet HTML 5Page - Texas Instruments TLV62569DRLR Datasheet HTML 6Page - Texas Instruments TLV62569DRLR Datasheet HTML 7Page - Texas Instruments TLV62569DRLR Datasheet HTML 8Page - Texas Instruments TLV62569DRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
TLV62569, TLV62569P
SLVSDG1C – DECEMBER 2016 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TLV62569 TLV62569P
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
V
(1)
Refer to the Application and Implementation section for further information.
6.3 Recommended Operating Conditions
(1)
MIN
TYP
MAX
UNIT
VIN
Input voltage
2.5
5.5
V
VOUT
Output voltage
0.6
VIN
V
IOUT
Output current
0
2
A
TJ
Operating junction temperature
–40
125
°C
ISINK_PG Sink current at PG pin
1
mA
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
DBV
(5 Pins)
DDC
(6 Pins)
DRL
(6 Pins)
UNIT
RθJA
Junction-to-ambient thermal resistance
188.2
106.2
146.3
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
137.5
52.9
51.0
°C/W
RθJB
Junction-to-board thermal resistance
41.2
31.2
27.0
°C/W
ψJT
Junction-to-top characterization parameter
31.4
11.3
2.2
°C/W
ψJB
Junction-to-board characterization parameter
40.6
31.6
27.6
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
°C/W
6.5
Electrical Characteristics
VIN = 5.0 V, TJ = 25°C, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IQ
Quiescent current into VIN pin
Not switching
35
uA
ISD
Shutdown current into VIN pin
EN = 0 V
0.1
2
µA
VUVLO
Under voltage lock out
VIN falling
2.3
2.45
V
Under voltage lock out hysteresis
100
mV
TJSD
Thermal shutdown
Junction temperature rising
150
°C
Junction temperature falling
130
LOGIC INTERFACE
VIH
High-level threshold at EN pin
2.5 V
≤ VIN ≤ 5.5 V
0.95
1.2
V
VIL
Low-level threshold at EN pin
2.5 V
≤ VIN ≤ 5.5 V
0.4
0.85
V
tSS
Soft startup time
TLV62569DBV
800
µs
TLV62569PDDC, TLV62569DRL,
TLV62569PDRL
900
VPG
Power good threshold
VFB rising, referenced to VFB nominal
95%
VFB falling, referenced to VFB nominal
90%
VPG,OL
Power good low-level output voltage
ISINK = 1 mA
0.4
V
IPG,LKG
Input leakage current into PG pin
VPG = 5.0 V
0.01
µA
tPG,DLY
Power good delay time
VFB falling
40
µs
OUTPUT
VFB
Feedback regulation voltage
0.588
0.6
0.612
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com