Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62569DRLR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62569DRLR
Description  2-A High Efficiency Synchronous Buck Converter in SOT Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62569DRLR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV62569DRLR Datasheet HTML 7Page - Texas Instruments TLV62569DRLR Datasheet HTML 8Page - Texas Instruments TLV62569DRLR Datasheet HTML 9Page - Texas Instruments TLV62569DRLR Datasheet HTML 10Page - Texas Instruments TLV62569DRLR Datasheet HTML 11Page - Texas Instruments TLV62569DRLR Datasheet HTML 12Page - Texas Instruments TLV62569DRLR Datasheet HTML 13Page - Texas Instruments TLV62569DRLR Datasheet HTML 14Page - Texas Instruments TLV62569DRLR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Load (A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
500
1000
1500
2000
2500
D011
VOUT = 1.2 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
0
500
1000
1500
2000
2500
D012
VOUT = 1.2 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
Load (A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-1
-0.5
0
0.5
1
1.5
2
2.5
3
D009
VOUT = 1.8 V
VOUT = 3.3 V
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-1.0
-0.5
0.0
0.5
1.0
D010
IOUT = 0.5A
IOUT = 1.0A
IOUT = 2.0A
Load (A)
60
65
70
75
80
85
90
95
100
1m
10m
100m
1
2
D006
VIN = 3.3 V
VIN = 5.0 V
Load (A)
60
65
70
75
80
85
90
95
100
1m
10m
100m
1
2
D007
VIN = 5.0 V
11
TLV62569, TLV62569P
www.ti.com
SLVSDG1C – DECEMBER 2016 – REVISED OCTOBER 2017
Product Folder Links: TLV62569 TLV62569P
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 8. 2.5-V Output Efficiency
Figure 9. 3.3-V Output Efficiency
VIN = 5 V
Figure 10. Load Regulation
VOUT = 1.8 V
Figure 11. Line Regulation
VIN = 5 V
Figure 12. Switching Frequency vs Load
IOUT = 1 A
Figure 13. Switching Frequency vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com