Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3U Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # MB3U
Description  BiSS, SSI, PC-USB ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB3U Datasheet(HTML) 1 Page - IC-Haus GmbH

  MB3U Datasheet HTML 1Page - IC-Haus GmbH MB3U Datasheet HTML 2Page - IC-Haus GmbH MB3U Datasheet HTML 3Page - IC-Haus GmbH MB3U Datasheet HTML 4Page - IC-Haus GmbH MB3U Datasheet HTML 5Page - IC-Haus GmbH MB3U Datasheet HTML 6Page - IC-Haus GmbH MB3U Datasheet HTML 7Page - IC-Haus GmbH MB3U Datasheet HTML 8Page - IC-Haus GmbH MB3U Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MB3U, MB3U-I2C
BiSS, SSI, PC-USB ADAPTER
Rev C3, Page 1/16
FEATURES
•
USB 2.0 compatible PC interface
•
iC-MB3 TSSOP24 based BiSS master
•
Hardware implemented interface protocols
•
Fast realtime data communication (10 MHz BiSS; 4 MHz SSI)
•
API for Windows®: BiSS-Interface DLL
•
Field capable design: plastic box, field interfaces, USB bus
providing power
•
USB powered 5 V and 12 V supplies for external applications
•
Supported interface and protocols: BiSS C / BiSS B / SSI
•
Additionally supported interfaces (MB3U-I2C): SPI / I2C / 2wire
APPLICATIONS
•
BiSS / BiSS Safety / SSI
application development
•
Flexible interface configuration
•
Encoder calibration
•
Portable applications
•
Interfacing iC-Haus evaluation
boards with serial protocols
SYSTEM VIEW
Copyright © 2005, 2017 iC-Haus
http://www.ichaus.com


Similar Part No. - MB3U

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
MB3U ICHAUS-MB3U Datasheet
517Kb / 7P
BiSS TO PC-USB ADAPTER
MB3U-I2C ICHAUS-MB3U-I2C Datasheet
517Kb / 7P
BiSS TO PC-USB ADAPTER
More results

Similar Description - MB3U

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
MB3A ICHAUS-MB3A Datasheet
177Kb / 2P
BiSS to PC-LPT ADAPTER
MB4U ICHAUS-MB4U Datasheet
1Mb / 5P
BiSS, SSI, PC-USB 2.0 ADAPTER
MB3U ICHAUS-MB3U Datasheet
517Kb / 7P
BiSS TO PC-USB ADAPTER
MB4U ICHAUS-MB4U_11 Datasheet
1Mb / 5P
BiSS, SSI, PC-USB 2.0 ADAPTER
logo
Assmann Electronics Inc...
A-USB-3-R ASSMANN-A-USB-3-R Datasheet
86Kb / 1P
USB B - USB A ADAPTER
logo
IC-Haus GmbH
IC-TOOLSSC ICHAUS-IC-TOOLSSC Datasheet
3Mb / 9P
SIN/COS INTERFACE ADAPTER TO PC-USB 2.0
logo
List of Unclassifed Man...
ZU10 ETC-ZU10 Datasheet
397Kb / 2P
Zigbee usb adapter
logo
IC-Haus GmbH
MB5U ICHAUS-MB5U Datasheet
2Mb / 7P
High Performance isolated BiSS to PC Adapter (USB)
MB4U ICHAUS-MB4U_17 Datasheet
1Mb / 16P
BiSS, SSI, PC-USB 2.0 ADAPTER
logo
NTE Electronics
57-5D-1000-U NTE-57-5D-1000-U Datasheet
208Kb / 1P
USB AC Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com