Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3U Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # MB3U
Description  BiSS, SSI, PC-USB ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB3U Datasheet(HTML) 3 Page - IC-Haus GmbH

  MB3U Datasheet HTML 1Page - IC-Haus GmbH MB3U Datasheet HTML 2Page - IC-Haus GmbH MB3U Datasheet HTML 3Page - IC-Haus GmbH MB3U Datasheet HTML 4Page - IC-Haus GmbH MB3U Datasheet HTML 5Page - IC-Haus GmbH MB3U Datasheet HTML 6Page - IC-Haus GmbH MB3U Datasheet HTML 7Page - IC-Haus GmbH MB3U Datasheet HTML 8Page - IC-Haus GmbH MB3U Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MB3U, MB3U-I2C
BiSS, SSI, PC-USB ADAPTER
Rev C3, Page 3/16
CONNECTORS
PIN CONFIGURATION BiSS / SSI (SUB-D9 male)
PIN FUNCTIONS
No. Name Function
1 VB
12 V field power supply
2 MA+
Clock output P
3 MA-
Clock output N
4 VDD
5 V logic power supply
5 MO-
Master data output N (constant high)
6 GND Ground (0 V)
7 SL+
Device data input P
8 SL-
Device data input N
9 MO+ Master data output P (constant low)
PIN CONFIGURATION I2C, MB3U-I2C only
(RM2.54 2x5 female)
PIN FUNCTIONS
No. Name Function
1 SCL
Serial Clock Line
2 GND Ground
3 n.a.
Reserved5
4 VDD
5 V logic power supply
5 n.a.
Reserved
6 n.a.
Reserved
7 SDA
Serial Data Line Output, short to pin 9
8 n.a.
Reserved
9 SDA
Serial Data Line Input
10 GND Ground
PIN CONFIGURATION SPI, MB3U-I2C only
(RM2.54 2x5 female)
PIN FUNCTIONS
No. Name Function
1 SCL
Serial Clock Line
2 GND Ground
3 n.a.
Reserved
4 VDD
5 V logic power supply
5 n.a.
Reserved
6 n.a.
Reserved
7 MOSI Serial Data Line Output
8 NCS
Chip Select (low active)
9 MISO Serial Data Line Input
10 GND Ground
PIN CONFIGURATION External Power Supply
(DIN 45323)
PIN FUNCTIONS
No. Name
Function
1 Inner Contact GND pole of external supply
2 Outer Contact 12 V positive pole of
external supply (9 to 15 V DC,
500 mAmax)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com