Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3U Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # MB3U
Description  BiSS, SSI, PC-USB ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB3U Datasheet(HTML) 2 Page - IC-Haus GmbH

  MB3U Datasheet HTML 1Page - IC-Haus GmbH MB3U Datasheet HTML 2Page - IC-Haus GmbH MB3U Datasheet HTML 3Page - IC-Haus GmbH MB3U Datasheet HTML 4Page - IC-Haus GmbH MB3U Datasheet HTML 5Page - IC-Haus GmbH MB3U Datasheet HTML 6Page - IC-Haus GmbH MB3U Datasheet HTML 7Page - IC-Haus GmbH MB3U Datasheet HTML 8Page - IC-Haus GmbH MB3U Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MB3U, MB3U-I2C
BiSS, SSI, PC-USB ADAPTER
Rev C3, Page 2/16
DESCRIPTION
The MB3U and MB3U-I2C adapters are USB based Windows® PC adapters. The BiSS to PC-USB adapters
enables BiSS or SSI sensors to be connected to a PC easily and at low cost. Only one BiSS to PC-USB
adapters is accessible per PC system. The USB port supplies the adapter as well as the connected sensor, for
which the 5V (up to 100 mA, through Pin 4)* and 12 V (up to 100 mA, through Pin 1)* as galvanically isolated
voltages are available. An optional external wall power supply can also be connected to deliver other voltages
or higher currents. The BiSS/SSI communication is accomplished by differential RS422 wires with separate
potentials and cycle rates of up to 10 Mbit/sec.
The BiSS and I2C to PC-USB Adapter has an additional plug for I2C or SPI communication. The USB port
supplies the sensors via the I2C plug with 5 V (up to 100 mA, through Pin 4 - no galvanic isolation). If there is
load applied to the BiSS connector, the maximum current supplied via the I2C plug is decreased. For more
power, an additional external power supply is recommended (the wall power supply does not supply the I2C
plug, see Figure 3). I2C multi-master capability is not provided.
The SPI and I2C master of MB3U-I2C are only supported by product specific APIs and software for
iC-Haus product evaluation and programming.
9 Pin SUB-D Male BiSS Interface Connector Functions and Features:
• Up to 3 BiSS slaves
• RS422 10 MBit/s maximum data transfer rate
• BiSS C unidirectional and BiSS B/C master
• SSI master
• I2C and SPI master (MB3U-I2C only)
• BiSS master BiSS iC-MB3 TSSOP24 based
• USB 2.0 compatible with up to 12 MBit/s data transfer
• USB bus provides power adapter and optionally to devices
• Galvanic encoder signal isolation and isolated sensor supply sourced from the USB port (+12 V and +5 V /
150 mA together)*
• Plug-in power supply can be connected for sensors with higher power needs(+12 V / 500 mA, +5 V / 250 mA)*
• Available 32 and 64 bit drivers for Windows®10, 8, 7, Vista, XP, 2000
The MB3U is a PC-USB interface BiSS / SSI master based on iC-MB3 TSSOP24 system design.
* 150 mA for +5 V and +12 V available starting from 2008
10 Pin Pigtail 5x2 Female SPI and I2C Interface Connector Functions and Features:
• SPI or I2C capable by pin connection
• Up to 6 MBit/s maximum data transfer rate with SPI
• 100 kBit/s maximum data transfer rate with I2C
• Single master systems
• Master operation based on FTDI™USB dual serial bridging device
• USB 2.0 compatible with up to 12 MBit/s data transfer
• USB bus provides power adapter and optionally to devices
• No galvanic isolation, Sensor supply sourced from the USB port (5 V up to 200 mA)
• Available 32 and 64 bit FTDI™drivers for Windows 10, 8, 7, Vista, XP, 2000
The device offered here is a multifunctional device that contains integrated BiSS C interface components. The BiSS C process is
protected by patent DE 10310622 B4 owned by iC-Haus GmbH. Users benefit from the open BiSS C protocol with a free license which
is necessary when using the BiSS C protocol in conjunction with this iC.
Download the license at www.biss-interface.com/BUA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com