| Electronic Components Datasheet Search |
|
ECT25S32 Datasheet(PDF) 22 Page - E-CMOS Corporation |
|
|
|||||||||||||||||||||||||||||
ECT25S32 Datasheet(HTML) 22 Page - E-CMOS Corporation |
|
22 / 44 page ![]() E-CMOS Corp. (www.ecmos.com.tw) Page 22 of 44 5B10N-Rev.F001 ECT25S32 32M BIT SPI NOR FLASH Quad I/O Fast Read (EBH) See Figure 16, the Quad I/O Fast Read instruction is similar to the Dual I/O Fast Read Instruction but with the capability to input the 3-byte address (A23-0) and a “Continuous Read Mode” byte and 4-dummy clock 4-bit per clock by IO0, IO1, IO3, IO4, each bit being latched in during the rising edge of SCLK, then the memory contents are shifted out 4-bit per clock cycle from IO0, IO1, IO2, IO3. The first byte addressed can be at any location. The address is automatically incremented to the next higher address after each byte of data is shifted out. The Quad Enable bit (QE) of Status Register must be set to enable for the Quad I/O Fast read instruction. Figure 16. Quad I/O Fast Read Sequence Diagram (M7-0= 0XH or not AXH) Quad I/O Fast R ead with “Continuous Read Mode” See Figure17, the Quad I/O Fast Read instruction can further reduce instruction overhead through setting the “Continuous Read Mode” bits (M7-0) after the input 3-byte address (A23- A0). If the “Continuous Read Mode” bits (M7-0) =AXH, then the next Quad I/O Fast Read instruction (after /CS is raised and then lowered) does not require the EBH instruction code. If the“ Continuous Read Mode” bits (M7-0) are any value other than AXH, the next instruction requires the first EBH instruction code, thus returning to normal operation. A “Continuous Read Mode” Reset instruction can be used to reset (M7-0) before issuing normal instruction. Figure 17. Quad I/O Fast Read Sequence Diagram (M7-0= AXH) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |