| Electronic Components Datasheet Search |
|
ECT25S32 Datasheet(PDF) 29 Page - E-CMOS Corporation |
|
|
|||||||||||||||||||||||||||||
ECT25S32 Datasheet(HTML) 29 Page - E-CMOS Corporation |
|
29 / 44 page ![]() E-CMOS Corp. (www.ecmos.com.tw) Page 29 of 44 5B10N-Rev.F001 ECT25S32 32M BIT SPI NOR FLASH Figure 24. Read Security Registers instruction Sequence Diagram Erase Security Registers (44H) The ECT25S32 provides three 256-byte Security Registers which can be erased and programmed individually. These registers may be used by the system manufacturers to store security and other important information separately from the main memory array. See Figure 25, the Erase Security Registers instruction is similar to Sector/Block Erase instruction.A Write Enable instruction must previously have been executed to set the Write Enable Latch bit. The Erase Security Registers instruction sequence: /CS goes low sending Erase Security Registers instruction /CS goes high. /CS must be driven high after the eighth bit of the instructioncode has been latched in otherwise the Erase Security Registers instruction is not executed. Assoon as /CS is driven high, the self-timed Erase Security Registers cycle (whose duration is tSE) isinitiated. While the Erase Security Registers cycle is in progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Erase Security Registers cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch bit is reset. The Security Registers Lock Bit (LB) in the Status Register can be used to OTP protect the security registers. Once the LB bit is set to 1, the Security Registers will be permanently locked; the Erase Security Registers instruction will be ignored. Address A23-A16 A15-A8 A7-A0 Security Registers 1 00H 01H Don ’t Care Security Registers 2 00H 02H Don ’t Care Security Registers 3 00H 03H Don ’t Care |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |