Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECT25S32 Datasheet(PDF) 26 Page - E-CMOS Corporation

Part # ECT25S32
Description  32M BIT SPI NOR FLASH
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S32 Datasheet(HTML) 26 Page - E-CMOS Corporation

Back Button ECT25S32 Datasheet HTML 22Page - E-CMOS Corporation ECT25S32 Datasheet HTML 23Page - E-CMOS Corporation ECT25S32 Datasheet HTML 24Page - E-CMOS Corporation ECT25S32 Datasheet HTML 25Page - E-CMOS Corporation ECT25S32 Datasheet HTML 26Page - E-CMOS Corporation ECT25S32 Datasheet HTML 27Page - E-CMOS Corporation ECT25S32 Datasheet HTML 28Page - E-CMOS Corporation ECT25S32 Datasheet HTML 29Page - E-CMOS Corporation ECT25S32 Datasheet HTML 30Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 26 of 44
5B10N-Rev.F001
ECT25S32
32M BIT SPI NOR FLASH
JEDEC ID (9FH)
The JEDEC ID instruction allows the 8-bit manufacturer identification to be read, followed by
Two bytes of device identification. The device identification indicates the memory type in the
first byte, and the memory capacity of the device in the second byte. JEDEC ID instruction
while an Erase or Program cycle is in progress, is not decoded, and has no effect on the
cycle that is in progress.
The JEDEC ID instruction should not be issued while the device is in Deep Power-Down Mode.
See Figure 21, he device is first selected by driving /CS to low. Then, the 8-bit instruction code
For the instruction is shifted in. This is followed by the 24-bit device identification, stored in the
memory, being shifted out on Serial Data Output, each bit being shifted out during the falling
edge of Serial Clock. The JEDEC ID instruction is terminated by driving /CS to high at any
time during data output. When /CS is driven high, the device is put in the Standby
Mode.
Once in the Standby Mode, the device waits to be selected, so that it can receive, decode and
execute instructions.
Figure 21. JEDEC ID Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com