Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECT25S40LP1CR Datasheet(PDF) 13 Page - E-CMOS Corporation

Part # ECT25S40LP1CR
Description  4M BIT SPI NOR FLASH
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S40LP1CR Datasheet(HTML) 13 Page - E-CMOS Corporation

Back Button ECT25S40LP1CR Datasheet HTML 9Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 10Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 11Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 12Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 13Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 14Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 15Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 16Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 17Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 13 of 46
4L08N-Rev.F001
ECT25S40
4M BIT SPI NOR FLASH
Instructions Description
All instructions, addresses and data are shifted in and out of the device, beginning with the most
significant bit on the first rising edge of SCLK after /CS is driven low. Then, the one byte instruction
code must be shifted in to the device, most significant bit first on SI, each bit being latched on the
rising edges of SCLK.
See Table 9, every instruction sequence starts with a one-byte instruction code. Depending on the
instruction, this might be followed by address bytes, or by data bytes, or by both or none. /CS must
be driven high after the last bit of the instruction sequence has been shifted in. For the instruction
of Read, Fast Read, Read Status Register or Release from Deep Power Down, and Read Device
ID, the shifted-in instruction sequence is followed by a data out sequence. /CS can be driven high
after any bit of the data-out sequence is being shifted out.
For the instruction of Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register,
Write Enable, Write Disable or Deep Power-Down instruction, /CS must be driven high exactly at a
byte boundary, otherwise the instruction is rejected, and is not executed. That is /CS must driven
high when the number of clock pulses after /CS being driven low is an exact multiple of eight. For
Page Program, if at any time the input byte is not a full byte, nothing will happen and WEL will not
be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com