Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECT25S40LP1CR Datasheet(PDF) 17 Page - E-CMOS Corporation

Part # ECT25S40LP1CR
Description  4M BIT SPI NOR FLASH
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S40LP1CR Datasheet(HTML) 17 Page - E-CMOS Corporation

Back Button ECT25S40LP1CR Datasheet HTML 13Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 14Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 15Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 16Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 17Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 18Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 19Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 20Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 21Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 17 of 46
4L08N-Rev.F001
ECT25S40
4M BIT SPI NOR FLASH
Figure 7. Read Status Register Sequence Diagram
Write Status Register (01H)
See Figure 8, the Write Status Register instruction allows new values to be written to the
Status Register.Before it can be accepted, a Write Enable instruction must previously have
Been executed. After the Write Enable instruction has been decoded and executed, the device
sets the Write Enable Latch (WEL).
The Write Status Register instruction has no effect on S15, S1 and S0 of the Status Register.
/CS must be driven high after the eighth or sixteen bit of the data byte has been latched in. If
not, the Write Status Register instruction is not executed. If /CS is driven high after eighth bit
of the data byte, the CMP and QE and SRP1 bits will be cleared to 0. As soon as /CS is
driven high, the self-timed Write Status Register cycle (whose duration is tW) is initiated.
While the Write Status Register cycle is in progress, the Status Register may still be read to
check the value of the Write in Progress (WIP) bit. The Write in Progress (WIP) bit is 1 during
the self-timed Write Status Register cycle, and is 0 when it is completed. When the cycle is
completed, the Write Enable Latch is reset.
The Write Status Register instruction allows the user to change the values of the Block
Protect (SEC, TB, BP2, BP1, BP0) bits, to define the size of the area that is to be treated as
read-only, as defined in Table 3. The Write Status Register instruction also allows the user to
set or reset he Status Register Protect (SRP1 and SRP0) bits in accordance with the Write
Protect (/WP) signal.The Status Register Protect (SRP1 and SRP0) bits and Write Protect
(/WP) signal allow the device to be put in the Hardware Protected Mode. The Write Status
Register instruction is not executed once the Hardware Protected Mode is entered.
Figure 8. Write Status Register Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com