Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC221CS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC221CS
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC221CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC221CS Datasheet HTML 4Page - Linear Technology LTC221CS Datasheet HTML 5Page - Linear Technology LTC221CS Datasheet HTML 6Page - Linear Technology LTC221CS Datasheet HTML 7Page - Linear Technology LTC221CS Datasheet HTML 8Page - Linear Technology LTC221CS Datasheet HTML 9Page - Linear Technology LTC221CS Datasheet HTML 10Page - Linear Technology LTC221CS Datasheet HTML 11Page - Linear Technology LTC221CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC221/LTC222
8
2212fa
8-Channel, 14-Bit A/D Converter
APPLICATIO S I FOR ATIO
LTC221/222 • AI12
GND
IN3
IN4
WR
WR
IN2
IN1
D1
S1
D2
S2
VIN
0V TO 5V
D3
S3
D4
S4
V
LTC221/
LTC222
LOGIC
DECODER
DATA BUS B0 – B3
TO
MICROCONTROLLER
e.g. TMS370
ADDRESS BUS
LT1027
LTC1090
5V
15V
1kΩ
1kΩ
1kΩ
1kΩ
15V
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
AGND
CS
DOUT
DIN
ACLK
SCLK
REF+
REF
V
SERIAL PORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com