Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC221CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC221CS
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC221CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC221CS Datasheet HTML 3Page - Linear Technology LTC221CS Datasheet HTML 4Page - Linear Technology LTC221CS Datasheet HTML 5Page - Linear Technology LTC221CS Datasheet HTML 6Page - Linear Technology LTC221CS Datasheet HTML 7Page - Linear Technology LTC221CS Datasheet HTML 8Page - Linear Technology LTC221CS Datasheet HTML 9Page - Linear Technology LTC221CS Datasheet HTML 10Page - Linear Technology LTC221CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC221/LTC222
7
2212fa
Auto Ranging an 8-Channel, 10-Bit A/D Converter
APPLICATIO S I FOR ATIO
LTC221/222 • AI11
GND
IN3
IN4
WR
WR
IN2
IN1
D1
S1
D2
S2
VIN
OV – 5V
D3
S3
D4
S4
V–
LTC221/
LTC222
LOGIC
DECODER
DATA BUS B0 – B3
TO
MICROCONTROLLER
e.g. HD64180
ADDRESS BUS
LT1027
SERIAL PORT
LTC1090
5V
5V
15V
15V
15V
2.49kΩ
4.99kΩ
10kΩ
20kΩ
LT1006
+
–
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
AGND
CS
DOUT
VCC
DIN
ACLK
SCLK
REF+
REF –
V –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com