Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC221CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC221CS
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC221CS Datasheet(HTML) 1 Page - Linear Technology

  LTC221CS Datasheet HTML 1Page - Linear Technology LTC221CS Datasheet HTML 2Page - Linear Technology LTC221CS Datasheet HTML 3Page - Linear Technology LTC221CS Datasheet HTML 4Page - Linear Technology LTC221CS Datasheet HTML 5Page - Linear Technology LTC221CS Datasheet HTML 6Page - Linear Technology LTC221CS Datasheet HTML 7Page - Linear Technology LTC221CS Datasheet HTML 8Page - Linear Technology LTC221CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC221/LTC222
1
2212fa
■
Micropower Operation
■
Single 5V or ±15V Supply Operation
■
Low Charge Injection
■
Low RON
■
Low Leakage
■
Guaranteed Break Before Make
■
Latch Resistant Design
■
TLL/CMOS Compatible
■
Improved Second Source for DG221/DG222
■
Microprocessor Bus Compatible
The LTC
®221 and LTC222 are micropower, quad CMOS
analog switches which typically dissipate only 250µW
from ±15V supplies and 40µW from a single 5V supply.
Onboard latches allow the LTC221 and LTC222 to inter-
face directly to most microprocessor buses. The switches
have 65Ω typical on resistance and a very high off resis-
tance. A break before make characteristic is inherent in
these switches to prevent the shorting of two channels.
The signal range is ±15V with a supply voltage of ±15V and
0V to 5V with a single 5V supply. The switches have special
charge compensation circuitry which greatly reduces
charge injection to a maximum of ±25pC (±15V supplies).
The LTC221 and LTC222 are designed for applications
such as microprocessor controlled programmable gain
amplifiers, automatic test equipment, communication
systems, and data acquisition systems. The LTC221 is
normally closed and the LTC222 is normally open as
shown in the Logic Table.
Micropower, Low Charge
Injection, Quad CMOS Analog
Switches with Data Latches
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTIO
■
Supply Current ..................... I+ = 40µA, I– = 5µA Max
■
Charge Injection
±15V Supplies ................................. ±25pC Max
Single 5V Supply .................................. 2pC Typ
■
RON ............................................................... 65ΩTyp
■
Signal Range ..................................................... ±15V
Two-Channel, 12-Bit, Self Calibrating Data Acquisition System
KEY SPECIFICATIO S
LTC221/222 • TA01
5V
R1
15V
IN
–IN
10k
150k
100k
120Ω
270Ω
GND
IN3
IN4
WR
WR
TO MICROPROCESSOR
e.g. TMS320C25
IN2
IN1
CS
DOUT
VREF
VFS
CLK
GND
D1
S1
D2
S2
VIN
OV TO 5V
VFS
D3
S3
D4
S4
5V
V+
V–
–15V
15V
LTC221/LTC222
LT1006
+
–
LOGIC
DECODER
LTC1292
12-BIT
ADC
SERIAL PORT
DATA BUS B0 – B3
ADDRESS BUS
LT1027
TYPICAL APPLICATIO


Similar Part No. - LTC221CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC221 LINER-LTC221 Datasheet
195Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC221 LINER-LTC221 Datasheet
151Kb / 12P
Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
LTC2215 LINER-LTC2215 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
LTC2215CUP LINER-LTC2215CUP Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
LTC2215CUP-PBF LINER-LTC2215CUP-PBF Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
More results

Similar Description - LTC221CS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7590DI AD-AD7590DI Datasheet
1Mb / 8P
DI CMOS ANALOG SWITCHES WITH DATA LATCHES
logo
Advanced Linear Devices
ALD4201 ALD-ALD4201 Datasheet
40Kb / 6P
CMOS LOW VOLTAGE, LOW CHARGE INJECTION QUAD SPST ANALOG SWITCHES
logo
Linear Technology
LTC201A LINER-LTC201A Datasheet
820Kb / 11P
Micropower, Low Charge Injection,Quad CMOS Analog Switches
LTC201A LINER-LTC201A_02 Datasheet
195Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
logo
Analog Devices
AD7590DI AD-AD7590DI_15 Datasheet
1Mb / 8P
DI CMOS Analog Switches with Data Latches
REV. A
logo
Linear Technology
LTC201A LINER-LTC201A_15 Datasheet
208Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC202 LINER-LTC202_15 Datasheet
208Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC203 LINER-LTC203_15 Datasheet
208Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC221 LINER-LTC221_15 Datasheet
151Kb / 12P
Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
LTC222 LINER-LTC222_15 Datasheet
151Kb / 12P
Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com