Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC997 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MAC997
Description  SENSITIVE GATE TRACS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC997 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MAC997 Datasheet HTML 3Page - ON Semiconductor MAC997 Datasheet HTML 4Page - ON Semiconductor MAC997 Datasheet HTML 5Page - ON Semiconductor MAC997 Datasheet HTML 6Page - ON Semiconductor MAC997 Datasheet HTML 7Page - ON Semiconductor MAC997 Datasheet HTML 8Page - ON Semiconductor MAC997 Datasheet HTML 9Page - ON Semiconductor MAC997 Datasheet HTML 10Page - ON Semiconductor MAC997 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MAC997 Series
http://onsemi.com
7
TO–92 EIA RADIAL TAPE IN FAN FOLD BOX OR ON REEL
H2A
H2A
H
F1
F2
P2
P2
P1
P
D
W
W1
L1
W2
H2B
H2B
T1
T
T2
H4 H5
H1
L
Figure 12. Device Positioning on Tape
Specification
Inches
Millimeter
Symbol
Item
Min
Max
Min
Max
D
Tape Feedhole Diameter
0.1496
0.1653
3.8
4.2
D2
Component Lead Thickness Dimension
0.015
0.020
0.38
0.51
F1, F2
Component Lead Pitch
0.0945
0.110
2.4
2.8
H
Bottom of Component to Seating Plane
.059
.156
1.5
4.0
H1
Feedhole Location
0.3346
0.3741
8.5
9.5
H2A
Deflection Left or Right
0
0.039
0
1.0
H2B
Deflection Front or Rear
0
0.051
0
1.0
H4
Feedhole to Bottom of Component
0.7086
0.768
18
19.5
H5
Feedhole to Seating Plane
0.610
0.649
15.5
16.5
L
Defective Unit Clipped Dimension
0.3346
0.433
8.5
11
L1
Lead Wire Enclosure
0.09842
—
2.5
—
P
Feedhole Pitch
0.4921
0.5079
12.5
12.9
P1
Feedhole Center to Center Lead
0.2342
0.2658
5.95
6.75
P2
First Lead Spacing Dimension
0.1397
0.1556
3.55
3.95
T
Adhesive Tape Thickness
0.06
0.08
0.15
0.20
T1
Overall Taped Package Thickness
—
0.0567
—
1.44
T2
Carrier Strip Thickness
0.014
0.027
0.35
0.65
W
Carrier Strip Width
0.6889
0.7481
17.5
19
W1
Adhesive Tape Width
0.2165
0.2841
5.5
6.3
W2
Adhesive Tape Position
.0059
0.01968
.15
0.5
NOTES:
1. Maximum alignment deviation between leads not to be greater than 0.2 mm.
2. Defective components shall be clipped from the carrier tape such that the remaining protrusion (L) does not exceed a maximum of 11 mm.
3. Component lead to tape adhesion must meet the pull test requirements.
4. Maximum non–cumulative variation between tape feed holes shall not exceed 1 mm in 20 pitches.
5. Holddown tape not to extend beyond the edge(s) of carrier tape and there shall be no exposure of adhesive.
6. No more than 1 consecutive missing component is permitted.
7. A tape trailer and leader, having at least three feed holes is required before the first and after the last component.
8. Splices will not interfere with the sprocket feed holes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com