Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC997 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MAC997
Description  SENSITIVE GATE TRACS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC997 Datasheet(HTML) 2 Page - ON Semiconductor

  MAC997 Datasheet HTML 1Page - ON Semiconductor MAC997 Datasheet HTML 2Page - ON Semiconductor MAC997 Datasheet HTML 3Page - ON Semiconductor MAC997 Datasheet HTML 4Page - ON Semiconductor MAC997 Datasheet HTML 5Page - ON Semiconductor MAC997 Datasheet HTML 6Page - ON Semiconductor MAC997 Datasheet HTML 7Page - ON Semiconductor MAC997 Datasheet HTML 8Page - ON Semiconductor MAC997 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MAC997 Series
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
75
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
200
°C/W
Maximum Lead Temperature for Soldering Purposes for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
(VD = Rated VDRM, VRRM; Gate Open)
TJ = 25°C
TJ = +110°C
IDRM, IRRM
—
—
—
—
10
100
µA
µA
ON CHARACTERISTICS
Peak On–State Voltage
(ITM = ".85 A Peak; Pulse Width v 2.0 ms, Duty Cycle v 2.0%)
VTM
—
—
1.9
Volts
Gate Trigger Current (Continuous dc)
(VD = 12 Vdc, RL = 100 Ohms)
MT2(+), G(+)
MAC997A6,A8
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+)
MT2(+), G(+)
MAC997B6,B8
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+)
IGT
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
5.0
5.0
5.0
7.0
3.0
3.0
3.0
5.0
mA
Latching Current (VD = 12 V, IG = 10 mA)
MT2(+), G(+) All Types
MT2(+), G(–) All Types
MT2(–), G(–) All Types
MT2(–), G(+) All Types
IL
—
—
—
—
1.6
10.5
1.5
2.5
15
20
15
15
mA
Gate Trigger Voltage (Continuous dc)
(VD = 12 Vdc, RL = 100 Ohms)
MT2(+), G(+) All Types
MT2(+), G(–) All Types
MT2(–), G(–) All Types
MT2(–), G(+) All Types
VGT
—
—
—
—
.66
.77
.84
.88
2.0
2.0
2.0
2.5
Volts
Gate Non–Trigger Voltage
(VD = 12 V, RL = 100 Ohms, TJ = 110°C)
All Four Quadrants
VGD
0.1
—
—
Volts
Holding Current
(VD = 12 Vdc, Initiating Current = 200 mA, Gate Open)
IH
—
1.5
10
mA
Turn-On Time
(VD = Rated VDRM, ITM = 1.0 A pk, IG = 25 mA)
tgt
—
2.0
—
µs
DYNAMIC CHARACTERISTICS
Rate of Change of Commutating Current
(VD = 400 V, ITM = .84 A, Commutating dv/dt = 1.5 V/µs, Gate Open,
TJ = 110°C, f = 250 Hz, with Snubber)
di/dt(c)
1.6
—
—
A/ms
Critical Rate of Rise of Off–State Voltage
(VD = Rated VDRM, Exponential Waveform, Gate Open, TJ = 110°C)
dv/dt
20
60
—
V/
µs
Repetitive Critical Rate of Rise of On–State Current
Pulse Width = 20
µs, IPKmax = 15 A, diG/dt = 1 A/µs, f = 60 Hz
di/dt
—
—
10
A/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com