Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC997 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAC997
Description  SENSITIVE GATE TRACS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC997 Datasheet(HTML) 1 Page - ON Semiconductor

  MAC997 Datasheet HTML 1Page - ON Semiconductor MAC997 Datasheet HTML 2Page - ON Semiconductor MAC997 Datasheet HTML 3Page - ON Semiconductor MAC997 Datasheet HTML 4Page - ON Semiconductor MAC997 Datasheet HTML 5Page - ON Semiconductor MAC997 Datasheet HTML 6Page - ON Semiconductor MAC997 Datasheet HTML 7Page - ON Semiconductor MAC997 Datasheet HTML 8Page - ON Semiconductor MAC997 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
May, 2000 – Rev. 2
1
Publication Order Number:
MAC997/D
MAC997 Series
Preferred Device
Sensitive Gate Triacs
Silicon Bidirectional Thyristors
Designed for use in solid state relays, MPU interface, TTL logic and
any other light industrial or consumer application. Supplied in an
inexpensive TO–92 package which is readily adaptable for use in
automatic insertion equipment.
• One–Piece, Injection–Molded Package
• Blocking Voltage to 600 Volts
• Sensitive Gate Triggering in Four Trigger Modes (Quadrants) for all
possible Combinations of Trigger Sources, and especially for Circuits
that Source Gate Drives
• All Diffused and Glassivated Junctions for Maximum Uniformity of
Parameters and Reliability
• Improved Noise Immunity (dv/dt Minimum of 20 V/µsec at 110°C)
• Commutating di/dt of 1.6 Amps/msec at 110°C
• High Surge Current of 8 Amps
• Device Marking: Device Type, e.g., for MAC997A6: MAC7A6, Date
Code
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off-State Voltage
(TJ = –40 to +110°C)(1)
Sine Wave 50 to 60 Hz, Gate Open
MAC997A6,B6
MAC997A8,B8
VDRM,
VRRM
400
600
Volts
On-State RMS Current
Full Cycle Sine Wave 50 to 60 Hz
(TC = +50°C)
IT(RMS)
0.8
Amp
Peak Non–Repetitive Surge Current
One Full Cycle, Sine Wave 60 Hz
(TC = 110°C)
ITSM
8.0
Amps
Circuit Fusing Considerations (t = 8.3 ms)
I2t
.26
A2s
Peak Gate Voltage
(t
v 2.0 ms, TC = +80°C)
VGM
5.0
Volts
Peak Gate Power
(t
v 2.0 ms, TC = +80°C)
PGM
5.0
Watts
Average Gate Power
(TC = 80°C, t v 8.3 ms)
PG(AV)
0.1
Watt
Peak Gate Current
(t
v 2.0 ms, TC = +80°C)
IGM
1.0
Amp
Operating Junction Temperature Range
TJ
–40 to
+110
°C
Storage Temperature Range
Tstg
–40 to
+150
°C
(1) VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
TRIACS
0.8 AMPERE RMS
400 thru 600 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
MT1
G
MT2
TO–92 (TO–226AA)
CASE 029
STYLE 12
3
2
1
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 2
Main Terminal 1


Similar Part No. - MAC997

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC997 ONSEMI-MAC997 Datasheet
147Kb / 11P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
March, 2006??Rev. 3
logo
Digitron Semiconductors
MAC997 DIGITRON-MAC997 Datasheet
318Kb / 6P
SILICON BIDIRECTIONAL THYRISTORS
logo
ON Semiconductor
MAC997A6 ONSEMI-MAC997A6 Datasheet
147Kb / 11P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
March, 2006??Rev. 3
MAC997A6G ONSEMI-MAC997A6G Datasheet
152Kb / 11P
Silicon Bidirectional Thyristors
March, 2006??Rev. 3
MAC997A6RL1 ONSEMI-MAC997A6RL1 Datasheet
147Kb / 11P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
March, 2006??Rev. 3
More results

Similar Description - MAC997

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT134W PHILIPS-BT134W Datasheet
56Kb / 7P
Triacs sensitive gate
September 1997 Rev 1.200
BT136B PHILIPS-BT136B Datasheet
49Kb / 6P
Triacs sensitive gate
October 1997 Rev 1.100
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
SENSITIVE GATE SCR
Jan 1995
T0805XH STMICROELECTRONICS-T0805XH Datasheet
60Kb / 5P
SENSITIVE GATE TRIACS
Jan-1995
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
SENSITIVE GATE SCR
logo
Tiger Electronic Co.,Lt...
2P4M TGS-2P4M Datasheet
57Kb / 1P
Triacs sensitive gate
BT134-600 TGS-BT134-600 Datasheet
29Kb / 1P
Triacs sensitive gate
logo
Apollo Electron Co., Lt...
TP4A60S APOLLOELECTRON-TP4A60S Datasheet
1Mb / 5P
Sensitive Gate Triac
logo
ON Semiconductor
MAC4DLM-1G ONSEMI-MAC4DLM-1G Datasheet
133Kb / 7P
Sensitive Gate Triacs
August, 2010 ??Rev. 5
logo
Bourns Electronic Solut...
TIC225S-S BOURNS-TIC225S-S Datasheet
182Kb / 4P
Sensitive Gate Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com