Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7617BSTZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD7617BSTZ
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7617BSTZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7617BSTZ Datasheet HTML 28Page - Analog Devices AD7617BSTZ Datasheet HTML 29Page - Analog Devices AD7617BSTZ Datasheet HTML 30Page - Analog Devices AD7617BSTZ Datasheet HTML 31Page - Analog Devices AD7617BSTZ Datasheet HTML 32Page - Analog Devices AD7617BSTZ Datasheet HTML 33Page - Analog Devices AD7617BSTZ Datasheet HTML 34Page - Analog Devices AD7617BSTZ Datasheet HTML 35Page - Analog Devices AD7617BSTZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Data Sheet
AD7617
Rev. 0 | Page 31 of 51
DIGITAL INTERFACE
CHANNEL SELECTION
Hardware Mode
The logic level of the CHSELx signals determine the channel pair
for conversion; see Table 14 for signal decoding information. The
CHSELx signals at the time that either full or partial reset is
released determine the initial channel pair to sample. After a reset,
the logic levels of the CHSELx signals are examined during the
BUSY high period to set the channel pair for the next conversion.
The CHSELx signal level must be set before CONVST goes from
low to high and be maintained until BUSY goes from high to low
to indicate a conversion is complete. See Figure 52 for
further details.
Software Mode
In software mode, the channels for conversion are selected by
control of the channel register. On power-up or after a reset, the
default channels selected for conversion are Channel V0A and
Channel V0B (see Figure 53).
Table 14. CHSELx Pin Decoding
Channel Selection Input Pin
Analog Input Channels for
Conversion
CHSEL0
CHSEL1
CHSEL2
0
0
0
V0A, V0B
0
0
1
V1A, V1B
0
1
0
V2A, V2B
0
1
1
V3A, V3B
1
0
0
V4A, V4B
1
0
1
V5A, V5B
1
1
0
V6A, V6B
1
1
1
V7A, V7B
Figure 52. Hardware Mode Channel Conversion Setting
Figure 53. Software Serial Mode Channel Conversion Setting
RESET
CONVST
BUSY
CHx
A/Bx
A/By
A/Bz
CHy
CHz
CH...
CHSEL2
TO
CHSEL0
DATA BUS
CONFIGURE POINT
CONFIGURE POINT
CONFIGURE POINT
INITIAL SETUP
RESET
CONVST
BUSY
CS
WRITE CHx
WRITE CHy
WRITE CHz
WRITE CH...
SDI
A/B0
A/Bx
A/By
SDOA,
SDOB
CHx CONVERSION START
DO NOT CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com