Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7617BSTZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD7617BSTZ
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7617BSTZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7617BSTZ Datasheet HTML 20Page - Analog Devices AD7617BSTZ Datasheet HTML 21Page - Analog Devices AD7617BSTZ Datasheet HTML 22Page - Analog Devices AD7617BSTZ Datasheet HTML 23Page - Analog Devices AD7617BSTZ Datasheet HTML 24Page - Analog Devices AD7617BSTZ Datasheet HTML 25Page - Analog Devices AD7617BSTZ Datasheet HTML 26Page - Analog Devices AD7617BSTZ Datasheet HTML 27Page - Analog Devices AD7617BSTZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
Data Sheet
AD7617
Rev. 0 | Page 23 of 51
THEORY OF OPERATION
CONVERTER DETAILS
The AD7617 is a data acquisition system that employs a high
speed, low power, charge redistribution, SAR ADC, and allows
dual simultaneous sampling of 16 analog input channels. The
analog inputs on the AD7617 can accept true bipolar input
signals. Analog input range options include ±10 V, ±5 V, and
±2.5 V. The AD7617 operates from a single 5 V supply.
The AD7617 contains input clamp protection, input signal
scaling amplifiers, a first-order antialiasing filter, an on-chip
reference, a reference buffer, a dual high speed ADC, a digital
filter, a flexible sequencer, and high speed parallel and serial
interfaces.
The AD7617 can operate in hardware or software mode by
controlling the HW_RNGSELx pins. In hardware mode, the
AD7617 is configured by pin control. In software mode, the
AD7617 is configured by the control registers accessed via the
serial or parallel interface.
ANALOG INPUT
Analog Input Channel Selection
The AD7617 contains dual, simultaneous sampling, 14-bit ADCs.
Each ADC has eight analog input channels for a total of 16 analog
inputs. Additionally, the AD7617 has on-chip diagnostic channels
to monitor the VCC supply and an on-chip adjustable low dropout
regulator. Channels can be selected for conversion by control of
the CHSELx pins in hardware mode or via the channel register
control in software mode. Software mode is required to sample
the diagnostic channels. Channels can be selected dynamically
or the AD7617 has an on-chip sequencer to allow the channels
for conversion to be preprogrammed. In hardware mode,
simultaneous sampling is limited to the corresponding A or B
channel, that is, Channel V0A always samples with Channel V0B.
In software mode, it is possible to select any A channel with any
B channel for simultaneous sampling.
Analog Input Ranges
The AD7617 can handle true bipolar, single-ended input voltages.
The logic levels on the range select pins, HW_RNGSEL0 and
HW_RNGSEL1, determine the analog input range of all analog
input channels. If both range select pins are tied to a logic low,
the analog input range is determined in software mode via the
input range registers (see the Register Summary section for
more details). In software mode, it is possible to configure
an individual analog input range per channel.
Table 8. Analog Input Range Selection
Analog Input Range
HW_RNGSEL1
HW_RNGSEL0
Configured via the Input
Range Registers
0
0
±2.5 V
0
1
±5 V
1
0
±10 V
1
1
In hardware mode, a logic change on these pins has an immediate
effect on the analog input range; however, there is typically a
settling time of approximately 120 µs in addition to the normal
acquisition time requirement. The recommended practice is to
hardwire the range select pins according to the desired input
range for the system signals.
Analog Input Impedance
The low drift analog input impedance of the AD7617 is 1 MΩ,
a fixed input impedance that does not vary with the AD7617
sampling frequency. This high analog input impedance eliminates
the need for a driver amplifier in front of the AD7617, allowing
direct connection to the source or the sensor.
Analog Input Clamp Protection
Figure 42 shows the analog input circuitry of the AD7617. Each
analog input of the AD7617 contains clamp protection circuitry.
Despite single +5 V supply operation, this analog input clamp
protection allows an input overvoltage of between −20 V and
+20 V.
Figure 42. Analog Input Circuitry
Figure 43 shows the input clamp current vs. source voltage
characteristic of the clamp circuit. For source voltages between
−20 V and +20 V, no current flows in the clamp circuit. For input
voltages that are greater than +20 V and less than −20 V, the
AD7617 clamp circuitry turns on.
Figure 43. Input Protection Clamp Profile, Input Clamp Current vs. Source Voltage
Place a series resistor on the analog input channels to limit the
current to ±10 mA for input voltages greater than +20 V and less
than −20 V. In an application where there is a series resistance
on an analog input channel, VxA or VxB, a corresponding
resistance is required on the analog input ground channel,
VxAGND or VxBGND (see Figure 44).
1MΩ
CLAMP
Vxx
1MΩ
CLAMP
VxxGND
FIRST-
ORDER
LPF
RFB
RFB
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
–30
–20
–10
0
10
20
30
SOURCE VOLTAGE (V)
POWERED OFF
POWERED ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com