Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7617BSTZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD7617BSTZ
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7617BSTZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7617BSTZ Datasheet HTML 19Page - Analog Devices AD7617BSTZ Datasheet HTML 20Page - Analog Devices AD7617BSTZ Datasheet HTML 21Page - Analog Devices AD7617BSTZ Datasheet HTML 22Page - Analog Devices AD7617BSTZ Datasheet HTML 23Page - Analog Devices AD7617BSTZ Datasheet HTML 24Page - Analog Devices AD7617BSTZ Datasheet HTML 25Page - Analog Devices AD7617BSTZ Datasheet HTML 26Page - Analog Devices AD7617BSTZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
AD7617
Data Sheet
Rev. 0 | Page 22 of 51
AC Common-Mode Rejection Ratio (AC CMRR)
AC CMRR is defined as the ratio of the power in the ADC
output at frequency, f, to the power of a sine wave applied to the
common-mode voltage of Vxx and VxxGND at frequency, fS.
AC CMRR (dB) = 10log(Pf/PfS)
where:
Pf is the power at frequency, f, in the ADC output.
PfS is the power at frequency, fS, in the ADC output.
Channel to Channel Isolation
Channel to channel isolation is a measure of the level of crosstalk
between all input channels. It is measured by applying a full-scale
sine wave signal, up to 160 kHz, to all unselected input channels
and then determining the degree to which the signal attenuates
in the selected channel with a 1 kHz sine wave signal applied.
Phase Delay
Phase delay is a measure of the absolute time delay between
when an input is sampled by the converter and when the result
associated with that sample is available to be read back from the
ADC, including delay induced by the analog front end of the
device.
Phase Delay Drift
Phase delay drift is the change in phase delay per unit
temperature across the entire operating temperature of the
device.
Phase Delay Matching
Phase delay matching is the maximum phase delay seen
between any simultaneously sampled pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com