Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7902SDZ Datasheet(PDF) 11 Page - Analog Devices

Part # EVAL-AD7902SDZ
Description  Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7902SDZ Datasheet(HTML) 11 Page - Analog Devices

Back Button EVAL-AD7902SDZ Datasheet HTML 7Page - Analog Devices EVAL-AD7902SDZ Datasheet HTML 8Page - Analog Devices EVAL-AD7902SDZ Datasheet HTML 9Page - Analog Devices EVAL-AD7902SDZ Datasheet HTML 10Page - Analog Devices EVAL-AD7902SDZ Datasheet HTML 11Page - Analog Devices EVAL-AD7902SDZ Datasheet HTML 12Page - Analog Devices EVAL-AD7902SDZ Datasheet HTML 13Page - Analog Devices EVAL-AD7902SDZ Datasheet HTML 14Page - Analog Devices EVAL-AD7902SDZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD7902
Data Sheet
Rev. B | Page 10 of 28
Figure 17. SINAD vs. Input Frequency
Figure 18. SNR vs. Temperature
Figure 19. Operating Currents for Each ADC vs. Supply Voltage
Figure 20. THD vs. Input Frequency
Figure 21. THD vs. Temperature
Figure 22. Operating Currents for Each ADC vs. Throughput
91
80
81
82
83
84
85
86
87
88
89
90
1k
10k
INPUT FREQUENCY (Hz)
100k
1M
92.5
89.5
90.0
90.5
91.0
91.5
92.0
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2.425
2.475
SUPPLY VOLTAGE (V)
2.375
2.525
2.575
2.625
IVDD
IREF
IVIO
–90
–92
–94
–96
–98
–100
–102
–104
–106
–108
–110
1k
10k
INPUT FREQUENCY (Hz)
100k
1M
–100
–105
–110
–115
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
1.6
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
100
SAMPLE RATE (kSPS)
1000
IVDD
IVIO
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com