Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7902SDZ Datasheet(PDF) 18 Page - Analog Devices

Part # EVAL-AD7902SDZ
Description  Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7902SDZ Datasheet(HTML) 18 Page - Analog Devices

Back Button EVAL-AD7902SDZ Datasheet HTML 14Page - Analog Devices EVAL-AD7902SDZ Datasheet HTML 15Page - Analog Devices EVAL-AD7902SDZ Datasheet HTML 16Page - Analog Devices EVAL-AD7902SDZ Datasheet HTML 17Page - Analog Devices EVAL-AD7902SDZ Datasheet HTML 18Page - Analog Devices EVAL-AD7902SDZ Datasheet HTML 19Page - Analog Devices EVAL-AD7902SDZ Datasheet HTML 20Page - Analog Devices EVAL-AD7902SDZ Datasheet HTML 21Page - Analog Devices EVAL-AD7902SDZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Data Sheet
AD7902
Rev. B | Page 17 of 28
POWER SUPPLY
The AD7902 uses two power supply pins per ADC: a core supply
(VDDx) and a digital input/output interface supply (VIOx). VIOx
allows direct interface with any logic between 1.8 V and 5.5 V.
To reduce the number of supplies needed, VIOx and VDDx can
be tied together. The AD7902 is independent of power supply
sequencing between VIOx and VDDx. Additionally, it is very
insensitive to power supply variations over a wide frequency
range, as shown in Figure 36.
Figure 36. PSRR vs. Frequency
The AD7902 powers down automatically at the end of each
conversion phase; therefore, the power scales linearly with the
sampling rate. This makes the device ideal for low sampling
rates (of even a few hertz) and low battery-powered applications.
Figure 37. Operating Currents per ADC vs. Sampling Rate
DIGITAL INTERFACE
Although the AD7902 has a reduced number of pins, it offers
flexibility in its serial interface modes.
When in CS mode, the AD7902 is compatible with SPI, QSPI,
digital hosts, and DSPs. In this mode, the AD7902 can use either
a 3-wire or 4-wire interface. A 3-wire interface using the CNVx,
SCKx, and SDOx signals minimizes wiring connections useful,
for instance, in isolated applications. A 4-wire interface using
the SDIx, CNVx, SCKx, and SDOx signals allows CNVx, which
initiates the conversions, to be independent of the readback
timing (SDIx). This is useful in low jitter sampling or
simultaneous sampling applications.
When in chain mode, the AD7902 provides a daisy-chain feature
using the SDIx input for cascading multiple ADCs on a single
data line similar to a shift register. With the AD7902 housing
two ADCs in one package, chain mode can be utilized to
acquire data from both ADCs while using only one set of 4-wire
user interface signals.
The mode in which the device operates depends on the SDIx
level when the CNVx rising edge occurs. CS mode is selected if
SDIx is high, and chain mode is selected if SDIx is low. The
SDIx hold time is such that when SDIx and CNVx are connected
together, chain mode is always selected.
In either mode, the AD7902 offers the option of forcing a start
bit in front of the data bits. This start bit can be used as a busy
signal indicator to interrupt the digital host and trigger the data
reading. Otherwise, without a busy indicator, the user must time
out the maximum conversion time prior to readback.
The busy indicator feature is enabled as follows:
•
In CS mode when CNVx or SDIx is low when the ADC
conversion ends (see Figure 41 and Figure 45).
•
In chain mode when SCKx is high during the CNVx rising
edge (see Figure 49).
95
90
85
80
75
70
65
60
1k
10k
100k
1M
FREQUENCY (Hz)
10
1
0.1
0.01
0.001
100000
SAMPLING RATE (SPS)
10000
1000000
IREF
IVDD
IVIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com