Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC935FDH Datasheet(PDF) 55 Page - NXP Semiconductors

Part # P89LPC935FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC935FDH Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button P89LPC935FDH Datasheet HTML 51Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 52Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 53Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 54Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 55Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 56Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 57Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 58Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
55 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
9.5.3 Edge triggered
An A/D conversion is started by rising or falling edge of P1.4. Once a conversion has
started, additional edge triggers are ignored until the conversion has completed. The edge
triggered start mode is available in all A/D operating modes.
9.5.4 Dual start immediately (P89LPC935/936)
Programming this mode starts a synchronized conversion of both A/D converters.This
start mode is available in all A/D operating modes. Both A/D converters must be in the
same operating mode. In the continuous conversion modes, both A/D converters must
select an identical number of channels. Any trigger of either A/D will start a simultaneous
conversion of both A/Ds.
9.6 Boundary limits interrupt
Each of the A/D converters has both a high and low boundary limit register. After the four
MSBs have been converted, these four bits are compared with the four MSBs of the
boundary high and low registers. If the four MSBs of the conversion are outside the limit
an interrupt will be generated, if enabled. If the conversion result is within the limits, the
boundary limits will again be compared after all 8 bits have been converted. An interrupt
will be generated, if enabled, if the result is outside the boundary limits. The boundary limit
may be disabled by clearing the boundary limit interrupt enable.
9.7 DAC output to a port pin with high output impedance
Each A/D converter’s DAC block can be output to a port pin. In this mode, the ADxDAT3
register is used to hold the value fed to the DAC. After a value has been written to the DAC
(written to ADxDAT3), the DAC output will appear on the channel 3 pin.
9.8 Clock divider
The A/D converter requires that its internal clock source be in the range of 500 kHz to
3.3 MHz to maintain accuracy. A programmable clock divider that divides the clock
from 1 to 8 is provided for this purpose.
9.9 Power-down and Idle mode
In Idle mode the A/C converter, if enabled, will continue to function and can cause the
device to exit Idle mode when the conversion is completed if the A/D interrupt is enabled.
In Power-down mode or Total Power-down mode, the A/D does not function. If the A/D is
enabled, it will consume power. Power can be reduced by disabling the A/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com