Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC935FDH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P89LPC935FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC935FDH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P89LPC935FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
10 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
[1]
Input/output for P1.0 to P1.4, P1.6, P1.7. Input for P1.5.
P3.0 to P3.1
I/O
Port 3: Port 3 is a 2-bit I/O port with a user-configurable output type.
During reset Port 3 latches are configured in the input only mode with the
internal pull-up disabled. The operation of Port 3 pins as inputs and
outputs depends upon the port configuration selected. Each port pin is
configured independently. Refer to Section 8.13.1 “Port configurations”
and Table 11 “Static characteristics” for details.
All pins have Schmitt trigger inputs.
Port 3 also provides various special functions as described below:
P3.0/XTAL2/
CLKOUT
9
5
I/O
P3.0 — Port 3 bit 0.
O
XTAL2 — Output from the oscillator amplifier (when a crystal oscillator
option is selected via the flash configuration.
O
CLKOUT — CPU clock divided by 2 when enabled via SFR bit (ENCLK -
TRIM.6). It can be used if the CPU clock is the internal RC oscillator,
watchdog oscillator or external clock input, except when XTAL1/XTAL2 are
used to generate clock source for the RTC/system timer.
P3.1/XTAL
8
4
I/O
P3.1 — Port 3 bit 1.
I
XTAL1 — Input to the oscillator circuit and internal clock generator circuits
(when selected via the flash configuration). It can be a port pin if internal
RC oscillator or watchdog oscillator is used as the CPU clock source, and
if XTAL1/XTAL2 are not used to generate the clock for the RTC/system
timer.
VSS
73I
Ground: 0 V reference.
VDD
21
17
I
Power supply: This is the power supply voltage for normal operation as
well as Idle and Power-down modes.
Table 4:
Pin description …continued
Symbol
Pin
Type
Description
TSSOP28,
PLCC28
HVQFN28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com