Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC935FDH Datasheet(PDF) 31 Page - NXP Semiconductors

Part # P89LPC935FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC935FDH Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button P89LPC935FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 30Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 31Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 32Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 33Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 34Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
31 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
An open-drain port pin has a Schmitt trigger input that also has a glitch suppression
circuit.
8.13.1.3
Input-only configuration
The input-only port configuration has no output drivers. It is a Schmitt trigger input that
also has a glitch suppression circuit.
8.13.1.4
Push-pull output configuration
The push-pull output configuration has the same pull-down structure as both the
open-drain and the quasi-bidirectional output modes, but provides a continuous strong
pull-up when the port latch contains a logic 1. The push-pull mode may be used when
more source current is needed from a port output. A push-pull port pin has a Schmitt
trigger input that also has a glitch suppression circuit.
8.13.2 Port 0 analog functions
The P89LPC933/934/935/936 incorporates two Analog Comparators. In order to give the
best analog function performance and to minimize power consumption, pins that are being
used for analog functions must have the digital outputs and digital inputs disabled.
Digital outputs are disabled by putting the port output into the Input-Only
(high-impedance) mode.
Digital inputs on Port 0 may be disabled through the use of the PT0AD register, bits 1:5.
On any reset, PT0AD[1:5] defaults to logic 0s to enable digital functions.
8.13.3 Additional port features
After power-up, all pins are in Input-Only mode.
Remark: Please note that this is different from the LPC76x series of devices.
• After power-up, all I/O pins except P1.5, may be configured by software.
• Pin P1.5 is input only. Pins P1.2 and P1.3 and are configurable for either input-only or
open-drain.
Every output on the P89LPC933/934/935/936 has been designed to sink typical LED
drive current. However, there is a maximum total output current for all ports which must
not be exceeded. Please refer to Table 11 “Static characteristics” for detailed
specifications.
All ports pins that can function as an output have slew rate controlled outputs to limit noise
generated by quickly switching output signals. The slew rate is factory-set to
approximately 10 ns rise and fall times.
8.14 Power monitoring functions
The P89LPC933/934/935/936 incorporates power monitoring functions designed to
prevent incorrect operation during initial power-up and power loss or reduction during
operation. This is accomplished with two hardware functions: Power-on detect and
brownout detect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com