Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT232 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SPT232
Description  LOW DISTORTION WIDEBAND OP AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT232 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SPT232 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT232 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT232 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT232 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
10/9/98
SPT232
SPT232 Typical Performance Characteristics (T
A = 25°, A
v = +2, VCC = ±15V, RL = 100Ω, Rf = 250Ω)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com