Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT232 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SPT232
Description  LOW DISTORTION WIDEBAND OP AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT232 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SPT232 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT232 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT232 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT232 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
10/9/98
SPT232
SPT232 Electrical Characteristics (Av = +2, V
cc = ±15V, RL = 100Ω, R
f = 250Ω; unless specified)
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Absolute Maximum Ratings Recommended Operating Conditions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com