Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT232 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPT232
Description  LOW DISTORTION WIDEBAND OP AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT232 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPT232 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT232 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT232 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT232 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Description
The SPT232 is a wideband low distortion operational amplifier designed
specifically for high speed, low gain applications requiring wide
dynamic range. Utilizing a current feedback architecture, the SPT232
offers high speed performance while maintaining DC precision.
The SPT232 offers precise gains from
±1 to ±5 with a true 0.1%
linearity and provides stable, oscillation-free operation across the
entire gain range without external compensation. The SPT232, a
pin compatible enhanced version of the SPT231, reduces 2nd
and 3rd harmonic distortion to an extremely low -69dBc at 20MHz
(2Vpp, RL = 100Ω). Additional features provided by the SPT232
include a small signal bandwidth of 270MHz, a large signal
bandwidth of 95MHz and a 3000V/
µs slew rate. The input offset
voltage is typically 1mV with an input offset drift of 10
µV/°C.
The SPT232 combines these high performance features with its
0.05% settling time of 15ns and its 100mA drive capability to
provide high-speed, high-resolution A/D and D/A converter sys-
tems with an attractive solution for driving and buffering. Wide
dynamic range systems such as radar and communication re-
ceivers requiring low harmonic distortion and low noise will find
the SPT232 to be an excellent choice.
As a linedriver, the
SPT232 set at a gain of 2 cancels matched line losses.
The SPT232 is constructed using thin film resistor/bipolar transis-
tor technology, and is available in the following versions:
SPT232AIH
-25
°C to +85°C 12-pin TO-8 can
SPT232AMH -55
°C to +125°C 12-pin TO-8 can, features
burn-inand hermetic testing
Features
s
-69dBc 2nd and 3rd harmonics at 20MHz
s
-3dB bandwidth of 270MHz
s
0.005% settling in 15ns
s
3000V/
µs slew rate
s
1mV input offset voltage, 10
µV/°C drift
s
±10V, 100mA max output
s
Direct replacement for CLC232
Applications
s
Flash A/D drivers
s
DAC current-to-voltage conversion
s
Wide dynamic range IF amps
s
VCO drivers
s
DDS postamps
s
Radar/communication receivers
s
Precision line drivers
Bottom View
Package Dimensions
LOW DISTORTION WIDEBAND OP AMP
4755 Forge Road, Colorado Springs, Colorado 80907, USA
Phone: (719) 528-2300
FAX: (719) 528-2370
Website: http://www.spt.com
E-Mail: sales@spt.com
Spectral Response
Typical Performance


Similar Part No. - SPT232

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SPT20 LUMINIS-SPT20 Datasheet
201Kb / 3P
Post top
SPT20-APA LUMINIS-SPT20-APA Datasheet
201Kb / 3P
Pulse rated medium base porcelain socket.
SPT20-APC LUMINIS-SPT20-APC Datasheet
201Kb / 3P
Pulse rated medium base porcelain socket.
SPT20-APS LUMINIS-SPT20-APS Datasheet
201Kb / 3P
Pulse rated medium base porcelain socket
logo
Coilcraft lnc.
SPT20L-112ML COILCRAFT-SPT20L-112ML Datasheet
248Kb / 3P
SMT Power Inductors
More results

Similar Description - SPT232

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC409 NSC-CLC409 Datasheet
403Kb / 10P
Very Wideband, Low Distortion Monolithic Op Amp
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
Ultra Low Distortion, Wideband Op Amp
LMH6738 NSC-LMH6738 Datasheet
432Kb / 12P
Very Wideband, Low Distortion Triple Op Amp
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
Low Distortion Wideband Op Amp
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH207 CADEKA-KH207 Datasheet
286Kb / 7P
Low Distortion Wideband Op Amp
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
Low Distortion Wideband Op Amp
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
1.7 GHz, Ultra Low Distortion, Wideband Op Amp
CLC409 TI1-CLC409 Datasheet
424Kb / 12P
Very Wideband, Low Distortion Monolithic Op Amp
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
Very Wideband, Low Distortion Triple Op Amp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com