Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9608 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9608
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9608 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9608 Datasheet HTML 27Page - Analog Devices AD9608 Datasheet HTML 28Page - Analog Devices AD9608 Datasheet HTML 29Page - Analog Devices AD9608 Datasheet HTML 30Page - Analog Devices AD9608 Datasheet HTML 31Page - Analog Devices AD9608 Datasheet HTML 32Page - Analog Devices AD9608 Datasheet HTML 33Page - Analog Devices AD9608 Datasheet HTML 34Page - Analog Devices AD9608 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
AD9608
Data Sheet
Rev. C | Page 30 of 40
OUTPUT TEST
The AD9608 includes various output test options to place
predictable values on the outputs of theAD9608.
OUTPUT TEST MODES
The output test options are described in Table 18 at Address 0x0D.
When an output test mode is enabled, the analog section of the
ADC is disconnected from the digital back-end blocks and the
test pattern is run through the output formatting block. Some of
the test patterns are subject to output formatting, and some are
not. The PN generators from the PN sequence tests can be reset
by setting Bit 4 or Bit 5 of Register 0x0D. These tests can be
performed with or without an analog signal (if present, the
analog signal is ignored), but they do require an encode clock.
For more information, see the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com