Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9608 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9608
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9608 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9608 Datasheet HTML 28Page - Analog Devices AD9608 Datasheet HTML 29Page - Analog Devices AD9608 Datasheet HTML 30Page - Analog Devices AD9608 Datasheet HTML 31Page - Analog Devices AD9608 Datasheet HTML 32Page - Analog Devices AD9608 Datasheet HTML 33Page - Analog Devices AD9608 Datasheet HTML 34Page - Analog Devices AD9608 Datasheet HTML 35Page - Analog Devices AD9608 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
Data Sheet
AD9608
Rev. C | Page 31 of 40
SERIAL PORT INTERFACE (SPI)
The AD9608 serial port interface (SPI) allows the user to configure
the converter for specific functions or operations through a
structured register space provided inside the ADC. The SPI
gives the user added flexibility and customization, depending on
the application. Addresses are accessed via the serial port and
can be written to or read from via the port. Memory is organized
into bytes that can be further divided into fields, which are docu-
mented in the Memory Map section. For detailed operational
information, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI.
CONFIGURATION USING THE SPI
Three pins define the SPI of this ADC: the SCLK/DFS pin, the
SDIO/DCS pin, and the CSB pin (see Table 15). The SCLK/DFS
(a serial clock) is used to synchronize the read and write data
presented from and to the ADC. The SDIO/DCS (serial data
input/output) is a dual-purpose pin that allows data to be sent
to and read from the internal ADC memory map registers. The
CSB (chip select bar) is an active low control that enables or
disables the read and write cycles.
Table 15. Serial Port Interface Pins
Pin
Function
SCLK
Serial clock. The serial shift clock input, which is used to
synchronize serial interface reads and writes.
SDIO
Serial data input/output. A dual-purpose pin that typically
serves as an input or an output, depending on the
instruction being sent and the relative position in the
timing frame.
CSB
Chip select bar. An active low control that gates the read
and write cycles.
The falling edge of the CSB, in conjunction with the rising edge
of the SCLK, determines the start of the framing. An example of
the serial timing and its definitions can be found in Figure 61
and Table 5.
Other modes involving the CSB are available. The CSB can be
held low indefinitely, which permanently enables the device;
this is called streaming. The CSB can stall high between bytes to
allow for additional external timing. When CSB is tied high, SPI
functions are placed in high impedance mode. This mode turns
on any SPI pin secondary functions.
During an instruction phase, a 16-bit instruction is transmitted.
Data follows the instruction phase, and its length is determined
by the W0 and W1 bits.
In addition to word length, the instruction phase determines
whether the serial frame is a read or write operation, allowing
the serial port to be used both to program the chip and to read
the contents of the on-chip memory. The first bit of the first byte
in a multibyte serial data transfer frame indicates whether a read
command or a write command is issued. If the instruction is a
readback operation, performing a readback causes the serial
data input/output (SDIO) pin to change direction from an input
to an output at the appropriate point in the serial frame.
All data is composed of 8-bit words. Data can be sent in MSB-
first mode or in LSB-first mode. MSB first is the default on
power-up and can be changed via the SPI port configuration
register. For more information about this and other features,
see the AN-877 Application Note, Interfacing to High Speed
ADCs via SPI.
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CSB
tS
tDH
tCLK
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
tLOW
tHIGH
Figure 61. Serial Port Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com