Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9628 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9628
Description  1.8 V Dual Analog-to-Digital Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 1 Page - Analog Devices

  AD9628 Datasheet HTML 1Page - Analog Devices AD9628 Datasheet HTML 2Page - Analog Devices AD9628 Datasheet HTML 3Page - Analog Devices AD9628 Datasheet HTML 4Page - Analog Devices AD9628 Datasheet HTML 5Page - Analog Devices AD9628 Datasheet HTML 6Page - Analog Devices AD9628 Datasheet HTML 7Page - Analog Devices AD9628 Datasheet HTML 8Page - Analog Devices AD9628 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
12-Bit, 125/105 MSPS, 1.8 V Dual
Analog-to-Digital Converter
Data Sheet
AD9628
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1.8 V analog supply operation
1.8 V CMOS or LVDS outputs
SNR = 71.2 dBFS @ 70 MHz
SFDR = 93 dBc @ 70 MHz
Low power: 101 mW/channel @ 125 MSPS
Differential analog input with 650 MHz bandwidth
IF sampling frequencies to 200 MHz
On-chip voltage reference and sample-and-hold circuit
2 V p-p differential analog input
DNL = ±0.25 LSB
Serial port control options
Offset binary, Gray code, or twos complement data format
Optional clock duty cycle stabilizer
Integer 1-to-8 input clock divider
Data output multiplex option
Built-in selectable digital test pattern generation
Energy-saving power-down modes
Data clock out with programmable clock and data
alignment
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers
GSM, EDGE, W-CDMA, LTE,
CDMA2000, WiMAX, TD-SCDMA
I/Q demodulation systems
Smart antenna systems
Broadband data applications
Battery-powered instruments
Hand-held scope meters
Portable medical imaging
Ultrasound
Radar/LIDAR
FUNCTIONAL BLOCK DIAGRAM
VIN+A
VIN–A
VREF
SENSE
VCM
RBIAS
VIN–B
VIN+B
ORA
D0A
D11A
DCOA
DRVDD
ORB
D11B
D0B
DCOB
SDIO
AGND
AVDD
SCLK
SPI
PROGRAMMING DATA
PDWN DFS
CLK+ CLK–
MODE
CONTROLS
DCS
DUTY CYCLE
STABILIZER
SYNC
DIVIDE
1 TO 8
OEB
CSB
REF
SELECT
ADC
ADC
AD9628
NOTES
1. PIN NAMES ARE FOR THE CMOS PIN CONFIGURATION ONLY;
SEE FIGURE 7 FOR LVDS PIN NAMES.
Figure 1.
PRODUCT HIGHLIGHTS
1. The AD9628 operates from a single 1.8 V analog power
supply and features a separate digital output driver supply
to accommodate 1.8 V CMOS or LVDS logic families.
2. The patented sample-and-hold circuit maintains excellent
performance for input frequencies up to 200 MHz and is
designed for low cost, low power, and ease of use.
3. A standard serial port interface supports various product
features and functions, such as data output formatting,
internal clock divider, power-down, DCO/data timing and
offset adjustments.
4. The AD9628 is packaged in a 64-lead RoHS-compliant
LFCSP that is pin compatible with the AD9650/AD9269/
AD9268 16-bit ADC, the AD9258/AD9251/AD9648 14-bit
ADCs, the AD9231 12-bit ADC, and the AD9608/AD9204
10-bit ADCs, enabling a simple migration path between
10-bit and 16-bit converters sampling from 20 MSPS to
125 MSPS.


Similar Part No. - AD9628

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9628 AD-AD9628 Datasheet
1,023Kb / 44P
12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9628-125EBZ AD-AD9628-125EBZ Datasheet
1,023Kb / 44P
12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9628-125EBZ AD-AD9628-125EBZ Datasheet
1Mb / 42P
12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. C
AD9628BCPZ-105 AD-AD9628BCPZ-105 Datasheet
1,023Kb / 44P
12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9628BCPZ-105 AD-AD9628BCPZ-105 Datasheet
1Mb / 42P
12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. C
More results

Similar Description - AD9628

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
1.8 V Analog-to-Digital Converter
Rev. B
AD9608 AD-AD9608_17 Datasheet
1Mb / 41P
1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. C
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
1.8 V Analog-to-Digital Converter
10-May-2017
AD9204 AD-AD9204_17 Datasheet
1Mb / 37P
1.8 V Dual Analog-to-Digital Converter
Rev. A
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9251 AD-AD9251_17 Datasheet
1Mb / 37P
1.8 V Dual Analog-to-Digital Converter
Rev. B
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
AD9600 AD-AD9600 Datasheet
2Mb / 73P
1.8 V Dual Analog-to-Digital Converter
Rev. B
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9627 AD-AD9627_17 Datasheet
2Mb / 77P
1.8 V Dual Analog-to-Digital Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com