Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9628 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9628
Description  1.8 V Dual Analog-to-Digital Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9628 Datasheet HTML 25Page - Analog Devices AD9628 Datasheet HTML 26Page - Analog Devices AD9628 Datasheet HTML 27Page - Analog Devices AD9628 Datasheet HTML 28Page - Analog Devices AD9628 Datasheet HTML 29Page - Analog Devices AD9628 Datasheet HTML 30Page - Analog Devices AD9628 Datasheet HTML 31Page - Analog Devices AD9628 Datasheet HTML 32Page - Analog Devices AD9628 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
AD9628
Data Sheet
Rev. C | Page 28 of 42
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or improve thermal drift charac-
teristics. Figure 50 shows the typical drift characteristics of the
internal reference in 1.0 V mode.
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VREF ERROR (mV)
Figure 50. Typical VREF Drift
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. An internal
reference buffer loads the external reference with an equivalent
7.5 kΩ load (see Figure 41). The internal buffer generates the
positive and negative full-scale references for the ADC core.
Therefore, the external reference must be limited to a maximum
of 1.0 V.
CLOCK INPUT CONSIDERATIONS
For optimum performance, clock the AD9628 sample clock
inputs, CLK+ and CLK−, with a differential signal. The signal
is typically ac-coupled into the CLK+ and CLK− pins via a
transformer or capacitors. These pins are biased internally
(see Figure 51) and require no external bias.
0.9V
AVDD
2pF
2pF
CLK–
CLK+
Figure 51. Equivalent Clock Input Circuit
Clock Input Options
The AD9628 has a very flexible clock input structure. The clock
input can be a CMOS, LVDS, LVPECL, or sine wave signal.
Regardless of the type of signal being used, clock source jitter is
of the most concern, as described in the Jitter Considerations
section.
Figure 52 and Figure 53 show two preferred methods for clock-
ing the AD9628 (at clock rates up to 1 GHz prior to internal CLK
divider). A low jitter clock source is converted from a single-
ended signal to a differential signal using either an RF
transformer or an RF balun.
The RF balun configuration is recommended for clock frequencies
between 125 MHz and 1 GHz, and the RF transformer is recom-
mended for clock frequencies from 10 MHz to 200 MHz. The
antiparallel Schottky diodes across the transformer/balun
secondary limit clock excursions into the AD9628 to
approximately 0.8 V p-p differential.
This limit helps prevent the large voltage swings of the clock
from feeding through to other portions of the AD9628 while
preserving the fast rise and fall times of the signal that are critical
to a low jitter performance.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1 Z
XFMR
Figure 52. Transformer-Coupled Differential Clock (Up to 200 MHz)
0.1µF
0.1µF
1nF
CLOCK
INPUT
1nF
50Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 53. Balun-Coupled Differential Clock (Up to 1 GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com