Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9628 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9628
Description  1.8 V Dual Analog-to-Digital Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9628 Datasheet HTML 20Page - Analog Devices AD9628 Datasheet HTML 21Page - Analog Devices AD9628 Datasheet HTML 22Page - Analog Devices AD9628 Datasheet HTML 23Page - Analog Devices AD9628 Datasheet HTML 24Page - Analog Devices AD9628 Datasheet HTML 25Page - Analog Devices AD9628 Datasheet HTML 26Page - Analog Devices AD9628 Datasheet HTML 27Page - Analog Devices AD9628 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Data Sheet
AD9628
Rev. C | Page 23 of 42
0
20
40
60
80
100
120
5
15
25
35
45
55
65
75
85
95
105
SAMPLE RATE (MSPS)
SFDR (dBc)
SNR (dBFS)
Figure 29. SNR/SFDR vs. Sample Rate with AIN = 9.7 MHz
0
500
1000
1500
2000
2500
3000
3500
4000
–1.0
–0.5
0
0.5
1.0
OUTPUT CODE
Figure 30. DNL Error with fIN = 9.7 MHz
0
20
40
60
80
100
120
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNRFS
SNR
SFDR
SFDRFS
Figure 31. SNR/SFDR vs. Input Amplitude (AIN) with fIN = 9.7 MHz
0
20
40
60
80
100
120
5
15
25
35
45
55
65
75
85
95
105
SAMPLE RATE (MSPS)
SFDR (dBc)
SNR (dBFS)
Figure 32. SNR/SFDR vs. Sample Rate with AIN = 70.1 MHz
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
500
1000
1500
2000
2500
3000
3500
4000
OUTPUT CODE
Figure 33. INL Error with fIN = 9.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com