| Electronic Components Datasheet Search |
|
54831 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
54831 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard) |
|
13 / 30 page ![]() 13 Options and Accessories continued USB 2.0 Test Option (E2683A or N2855A) The E2683A or N2855A USB 2.0 test option makes USB signal- integrity compliance testing as simple as capturing the signals with your Infiniium 4-ch or 4+16-ch oscilloscope. The Infiniium USB 2.0 test option features run-time MATLAB® embedded in the scope for use with the USB signal integrity scripts, providing a one-box solution. The USB-IF compliance program recognizes Infiniium as a recommended scope for use in compliance testing. In addition, all MATLAB scripts used with the USB test option come from the USB-IF organization. The E2683A or N2855A includes both the USB test option software and Signal Quality Inrush Droop/Drop (SQiDD) test fixture. Additional SQiDD test fixtures can be purchased sepa- rately by ordering the E2646A. High-Speed Serial Data Analysis Software† (Option 003 or N5384A) The N5384A High-Speed Serial Data Analysis (SDA) software provides an effective way to validate signal integrity for designs employing high-speed serial interfaces with embedded clocks. The High-Speed SDA software, when used with the Agilent 54830 Series Infiniium oscilloscopes, allows you to: •recover embedded clocks with first-order PLL, second-order PLL, or constant frequency algorithms •choose an external reference clock input •display the recovered clock synchronized with the analog waveform view of the serial data stream •build real-time eye diagrams •unfold real-time eye diagrams to easily locate failures versus time •perform custom mask testing •make TIE jitter measurements relative to the recovered clock or external reference clock Low-Speed Serial Data Analysis Software† (Option 021 or N5391A) The N5391A Low-Speed Serial Data Analysis (SDA) software provides a fast and easy way to debug Inter-Integrated Circuit (I2C) and 2-wire or 3-wire Serial Peripheral Interface (SPI) serial communication busses. The Low-Speed SDA software, when used with the Agilent 54830 Series or 54850 Series Infiniium oscilloscopes, provides the ability to capture and automatically display decoded serial data in numerical format synchronized with the analog or digital wave- form view of I2C or SPI serial data streams. † This option works with all 54830 Series Infiniium oscilloscopes and requires version A.03.50 (Windows XP Pro) system software or higher. Existing 54830 Series users can order the N5383A Infiniium Performance Upgrade Kit to move from A.02.xx (Windows 98) to A.03.50 (Windows XP Pro) or higher revision of system software. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |