| Electronic Components Datasheet Search |
|
54831 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
54831 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard) |
|
14 / 30 page ![]() 14 Ethernet Performance Validation and Compliance Software† (N5392A) The N5392A Ethernet electrical performance validation and compliance option provides you with a fast and easy way to verify and debug your 1000Base-T, 100Base-TX and 10Base-T Ethernet designs. The Ethernet electrical test software, allows you to automatically execute Ethernet physical-layer (PHY) electrical tests, and it displays FPGA Dynamic Probe for Infiniium MSO* (N5397A) The new N5397A FPGA Dynamic Probe for the Infiniium MSO pro- vides the most effective solution for validating and debugging embedded designs incorporating Xilinx FPGAs. This innovative solution enables you to: •View internal FPGA activity correlated to external analog events — With the FPGA dynamic probe, the Infiniium MSO’s 16 digital channels can be used to access hundreds of internal signals, unlocking visibility into your design that you never had before. With the power of the MSO, these inter- nal FPGA signals can be corre- lated to external analog con- tent for determining cause and effect relationships. Options and Accessories continued * This option works with all 54830 Series Infiniium mixed-signal oscilloscopes and requires version A.03.90 system software or highter. Existing 54830 Series users can order the N5383A Infiniium Performance Upgrade Kit to move from A.02.xx (Windows 98) to A.03.xx (Windows XP Pro) or higher revision of system software. † This option works with all 54830 Series Infiniium oscilloscopes and requires version A.03.50 (Windows XP Pro) system software or higher. Existing 54830 Series users can order the N5383A Infiniium Performance Upgrade Kit to move from A.02.xx (Windows 98) to A.03.xx (Windows XP Pro) or higher revision of system software. •Make multiple measurements in seconds — Moving probe points internal to an FPGA used to require time consuming design recompiles. Now, in less than a second you can easily measure a different set of internal sig- nals without design changes. By not changing the design, FPGA timing stays constant when you select new sets of internal signals for probing. •Leverage the work you did in your design environment — The FPGA dynamic probe automatically maps internal signal names from your FPGA design tool to the MSO’s digital channel labels. This provides easy sig- nal identification and elimi- nates unintentional mistakes while saving hours of time. the results in a flexible report format. In addition to the measurement data, the report provides a margin analysis that shows how closely your device passed or failed each test. The Agilent N5395A Ethernet electri- cal compliance test fixture and N5396A Gigabit Ethernet jitter test cable are available for making the physical connection between the Infiniium oscillo- scope and the device under test. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |