| Electronic Components Datasheet Search |
|
54831 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
54831 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard) |
|
4 / 30 page ![]() Powerful Mixed-Signal Triggering No matter how complicated the signals you’re dealing with, the Infiniium MSO has a triggering feature that can help you easily untangle it. The Infiniium MSOs provide you with the most com- plete triggering functionality ever offered in an oscilloscope. The 54830D Series Infiniium MSOs come with powerful trig- gering capabilities across all 16 digital channels and all available analog channels so you can easily isolate and analyze complex signals and interactions in your mixed analog and digital designs. X-Ray Vision for Your FPGAs The new N5397A FPGA Dynamic Probe for the Infiniium MSO enables its 16 digital channels to capture and trigger on signals inside of your Xilinx FPGA that can then be correlated to exter- nal analog activity. Seamless Integration of Analog and Digital Channels The Agilent 54830D Series Mixed-Signal Oscilloscopes unique- ly combine the detailed signal analysis of a high-performance scope with the 16-channel timing measurements of a logic analyzer, plus the benefits of fast, usable, and affordable MegaZoom deep memory. On one display you can have both the analog circuit charac- teristics displayed on the 2 or 4 scope channels and the digital signals displayed on the 16 logic timing channels. Digital and analog events are aligned in time so you can easily relate cause and effect in difficult mixed-signal troubleshooting situations. The analog and digital channels are seamlessly integrated giving you familiar scope-like controls of both the analog and digital tim- ing channels. And there is no compromise on the scope side — you just can treat all 18 or 20 channels the same. 4 Verifying and analyzing your mixed-signal design Here we see a data line and the clock of a standard SDRAM isolated in a write cycle. This was accomplished by triggering with 4 digital channels and 1 analog channel of the 54833D MSO when the SDRAM’s CS, CAS, and WE lines are low, while RAS is high on the rising edge of the clock. The second analog channel is used for looking at the analog characteristics of a data line. The increased channels, deep memory, and advanced triggering of an MSO can help you debug today's complex designs more efficiently than you could with a DSO. Trying to do this with a traditional 2- or 4-channel DSO would be difficult or impossible. The traditional option for measuring a multi-channel system would be to connect and configure a logic analyzer with a DSO which can be costly and time-consuming. Fortunately, Agilent’s MSO fills this need without the cost or frustration. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |