Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6652 Datasheet(PDF) 44 Page - Analog Devices

Part # AD6652
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD6652 Datasheet HTML 40Page - Analog Devices AD6652 Datasheet HTML 41Page - Analog Devices AD6652 Datasheet HTML 42Page - Analog Devices AD6652 Datasheet HTML 43Page - Analog Devices AD6652 Datasheet HTML 44Page - Analog Devices AD6652 Datasheet HTML 45Page - Analog Devices AD6652 Datasheet HTML 46Page - Analog Devices AD6652 Datasheet HTML 47Page - Analog Devices AD6652 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
AD6652
Rev. 0 | Page 44 of 76
for averaging and decimating the update samples and taking
their square root to f
mode. In place of the request de
ipping level is subtracted, leaving an error term to be proc-
der loop filter. The rest of the loop
s the desired signal level mode. This
vel
n
recei
he
aver
e AD6652 to update the
e
rece
chan
e accurate
m
o
Pin
coun
at
the u
e,
the u
chos
hannel 0. Likewise, the hold-off counter of
and
number that corresponds to the number of CLK cycles that will
IC decimated value
the proper pin sync pin
triggers the AGC hold-off counter with a one-shot pulse every
time the pin is written high. Once triggered, the counter counts
a ne
Note
he hold-off
dela
If the user chooses not to use pin sync signals, the user can use
S
cont
0x12
n written high, performs an immediate start of
date sample. This bit has a one-shot
ristic an
ot need
to respond
w logic hi
being writte
it. Use of the sync now bit
passes the AG hold-off coun
s and performs sync
ctions witho
elay.
ch Pin Sync logic high initiates a new trigger event for the
een reserved for configuring
ind rms samples, as in desired signal level
sired signal level, a desired
be counted ( a known delay) before a new C
is updated. Writing a logic high to
cl
essed by the second-or
operates the same way a
way, the truncation error is calculated and the AGC loop
operates to maintain a constant truncation error level.
Apart from Bit 4 of the AGC control words, the only register
setting changes compared to the desired signal level mode is
that the desired clipping level is stored in the AGC desired le
registers (0x0C, 0x15) instead of the request signal level (as in
desired signal level mode).
SYNCHRONIZATION
In i stances where the AGC output is connected to a Rake
ver, a signal from the Rake receiver can synchronize t
age-and-update section of th
average power for AGC error calculation and loop filtering. This
ext rnal signal synchronizes the AGC changes to the Rake
iver and makes sure that the AGC gain word does not
ge over a symbol period and, therefore, mor
esti ation. The external synchronization signal is connected t
one or more of the pin sync pins (A, B, C, or D).
synchronization requires the use of an AGC hold-off
ter. The hold-off counter of AGC A shares the pin sync th
ser has assigned to DDC processing Channel 0. Therefor
ser must attach the external sync signal to the pin sync
en for DDC C
AGC B shares the pin synch that the user has assigned to DDC
processing Channel 2. Therefore, the user must attach the
external sync signal to the pin sync that will be assigned to
DDC Channel 2.
The hold-off counter register, 0x0B and 0x13 for AGC A
AGC B, respectively, must be programmed with a 16-bit
down to a value of one and then causes a start of decimation for
w update sample.
: Setting the hold-off count to zero disables t
counter. Setting the hold-off count to one provides the smallest
y.
the ync Now command through the microport. Each AGC
rol register has a sync now bit in Registers 0x0A:3 and
:3 that, whe
decimation for a new up
characte
d does n
to be reset in order
to a ne
gh
n to
by
C
ter
fun
ut d
Ea
hold-off counter unless First Sync Only of the AGC’s control
register (Bit 1) is set to logic high. When high, only the first sync
signal is recognized and any others disregarded until First Sync
Only is reset.
Along with updating a new decimation value, the CIC filter
accumulator can be reset if the Init on Sync bit (Bit 2) of the
AGC control register is set. Init on Sync is triggered by either
sync signal, pin sync, or sync now.
Addresses 0x0A to 0x11 have b
AGC A, and Addresses 0x12 to 0x19 have been reserved for
configuring AGC B. The register specifications are detailed in
Table 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com